Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151C8T6 Datasheet(PDF) 92 Page - STMicroelectronics

Part # STM32L151C8T6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151C8T6 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button STM32L151C8T6 Datasheet HTML 88Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 89Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 90Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 91Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 92Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 93Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 94Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 95Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 121 page
background image
Electrical characteristics
STM32L151x6/8/B, STM32L152x6/8/B
92/121
Doc ID 17659 Rev 8
Table 55.
ADC accuracy(1)(2)
Symbol
Parameter
Test conditions
Min(3)
Typ
Max(3)
Unit
ET
Total unadjusted error
2.4 V
≤ VDDA ≤ 3.6 V
2.4 V
≤ VREF+ ≤ 3.6 V
fADC = 8 MHz, RAIN = 50 Ω
TA = -40 to 105 °C
-2
4
LSB
EO
Offset error
-
1
2
EG
Gain error
-
1.5
3.5
ED
Differential linearity error
-
1
2
EL
Integral linearity error
-
1.7
3
ENOB
Effective number of bits
2.4 V
≤ VDDA ≤ 3.6 V
VDDA = VREF+
fADC = 16 MHz, RAIN = 50 Ω
TA = -40 to 105 °C
1 kHz
≤ Finput ≤ 100 kHz
9.2
10
-
bits
SINAD
Signal-to-noise and
distorsion ratio
57.5
62
-
dB
SNR
Signal-to-noise ratio
57.5
62
-
THD
Total harmonic distorsion
-74
-75
-
ET
Total unadjusted error
2.4 V
≤ VDDA ≤ 3.6 V
1.8 V
≤ VREF+ ≤ 2.4 V
fADC = 4 MHz, RAIN = 50 Ω
TA = -40 to 105 °C
-4
6.5
LSB
EO
Offset error
-
2
4
EG
Gain error
-
4
6
ED
Differential linearity error
-
1
2
EL
Integral linearity error
-
1.5
3
ET
Total unadjusted error
1.8 V
≤ VDDA ≤ 2.4 V
1.8 V
≤ VREF+ ≤ 2.4 V
fADC = 4 MHz, RAIN = 50 Ω
TA = -40 to 105 °C
23
LSB
EO
Offset error
1
1.5
EG
Gain error
1.5
2
ED
Differential linearity error
1
2
EL
Integral linearity error
1
1.5
1.
ADC DC accuracy values are measured after internal calibration.
2.
ADC accuracy vs. negative injection current: Injecting a negative current on any analog input pins should be avoided as this
significantly reduces the accuracy of the conversion being performed on another analog input. It is recommended to add a
Schottky diode (pin to ground) to analog pins which may potentially inject negative currents.
Any positive injection current within the limits specified for IINJ(PIN) and ΣIINJ(PIN) in Section 6.3.11 does not affect the ADC
accuracy.
3.
Based on characterization, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com