Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151C8T6 Datasheet(PDF) 85 Page - STMicroelectronics

Part # STM32L151C8T6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151C8T6 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button STM32L151C8T6 Datasheet HTML 81Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 82Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 83Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 84Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 85Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 86Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 87Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 88Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 121 page
background image
STM32L151x6/8/B, STM32L152x6/8/B
Electrical characteristics
Doc ID 17659 Rev 8
85/121
Figure 20.
I2C bus AC waveforms and measurement circuit
1.
Measurement points are done at CMOS levels: 0.3VDD and 0.7VDD.
Table 48.
SCL frequency (fPCLK1= 32 MHz, VDD = 3.3 V)
(1)(2)
1.
RP = External pull-up resistance, fSCL = I
2C speed.
2.
For speeds around 200 kHz, the tolerance on the achieved speed is of
±5%. For other speed ranges, the
tolerance on the achieved speed is
±2%. These variations depend on the accuracy of the external
components used to design the application.
fSCL (kHz)
I2C_CCR value
RP = 4.7 kΩ
400
0x801B
300
0x8024
200
0x8035
100
0x00A0
50
0x0140
20
0x0320
ai17855
START
SDA
100
4.7k
I2C bus
4.7k
100
VDD
VDD
STM32L15xxx
SDA
SCL
tf(SDA)
tr(SDA)
SCL
th(STA)
tw(SCKH)
tw(SCKL)
tsu(SDA)
tr(SCK)
tf(SCK)
th(SDA)
S TART REPEATED
START
tsu(STA)
tsu(STO)
STOP
tsu(STA:STO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com