Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151C8T6 Datasheet(PDF) 98 Page - STMicroelectronics

Part # STM32L151C8T6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151C8T6 Datasheet(HTML) 98 Page - STMicroelectronics

Back Button STM32L151C8T6 Datasheet HTML 94Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 95Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 96Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 97Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 98Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 99Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 100Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 101Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 121 page
background image
Electrical characteristics
STM32L151x6/8/B, STM32L152x6/8/B
98/121
Doc ID 17659 Rev 8
Figure 30.
12-bit buffered /non-buffered DAC
1.
The DAC integrates an output buffer that can be used to reduce the output impedance and to drive external loads directly
without the use of an external operational amplifier. The buffer can be bypassed by configuring the BOFFx bit in the
DAC_CR register.
6.3.18
Temperature sensor characteristics
4. Difference between measured value at Code i and the value at Code i on a line drawn between Code 0 and
last Code 4095.
5. Difference between the value measured at Code (0x800) and the ideal value = VREF+/2.
6. Difference between the value measured at Code (0x001) and the ideal value.
7.
Difference between ideal slope of the transfer function and measured slope computed from code 0x000 and
0xFFF when buffer is OFF, and from code giving 0.2 V and (VDDA – 0.2) V when buffer is ON.
8. In buffered mode, the output can overshoot above the final value for low input code (starting from min value).
R LOAD
C LOAD
Buffered/Non-buffered DAC
DAC_OUTx
Buffer(1)
12-bit
digital to
analog
converter
ai17157V2
Table 58.
Temperature sensor characteristics
Symbol
Parameter
Min
Typ
Max
Unit
TL
(1)
1.
Guaranteed by characterization, not tested in production.
VSENSE linearity with temperature
±1
±2°C
Avg_Slope(1)
Average slope
1.48
1.61
1.75
mV/°C
V110
Voltage at 110°C ±5°C(2)
2.
Measured at VDD = 3 V ±10 mV. V110 ADC conversion result is stored in the TSENSE_CAL2 byte.
612
626.8
641.5
mV
IDDA(TEMP)
(3)
Current consumption
3.4
6
µA
tSTART
(3)
3.
Guaranteed by design, not tested in production.
Startup time
10
µs
TS_temp
(4)(3)
4.
Shortest sampling time can be determined in the application by multiple iterations.
ADC sampling time when reading the
temperature
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com