Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

bq76PL536APAP Datasheet(PDF) 38 Page - Texas Instruments

Part # bq76PL536APAP
Description  3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for Applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

bq76PL536APAP Datasheet(HTML) 38 Page - Texas Instruments

Back Button bq76PL536APAP Datasheet HTML 34Page - Texas Instruments bq76PL536APAP Datasheet HTML 35Page - Texas Instruments bq76PL536APAP Datasheet HTML 36Page - Texas Instruments bq76PL536APAP Datasheet HTML 37Page - Texas Instruments bq76PL536APAP Datasheet HTML 38Page - Texas Instruments bq76PL536APAP Datasheet HTML 39Page - Texas Instruments bq76PL536APAP Datasheet HTML 40Page - Texas Instruments bq76PL536APAP Datasheet HTML 41Page - Texas Instruments bq76PL536APAP Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
bq76PL536A
SLUSAD3A – JUNE 2011 – REVISED AUGUST 2012
www.ti.com
[6] (PARITY):
This bit is used to validate the contents of the protected Group3 registers.
0 = Group3 protected register(s) contents are valid.
1 = Group3 protected register(s) contents are invalid. Group3 registers should be
refreshed from OTP or directly written from the host.
[5] (ECC_ERR):
This bit is used to validate the OTP register blocks.
0 = No double-bit errors (a corrected one-bit error may/may not exist)
1 = An uncorrectable error has been detected in the OTP-EPROM register bank.
OTP-EPROM register(s) are not valid.
[4] (FORCE):
This bit asserts the ALERT signal. It can be used to verify correct operation and
connectivity of the ALERT as a part of system self-test.
0 = Deassert ALERT (default)
1 = Assert the ALERT signal.
[3] (TSD):
This bit indicates thermal shutdown is active.
0 = Thermal shutdown is inactive (default).
1 = Die temperature has exceeded TSD.
[2] (SLEEP):
This bit indicates SLEEP mode was activated. This bit is only set when SLEEP is first
activated; no continuous ALERT or SLEEP status is indicated after the host resets the
bit, even if the IO_CTRL[SLEEP] bit remains true. (See IO_CTRL[] register for details.)
0 = Normal operation
1 = SLEEP mode was activated.
[1] (OT2):
This bit indicates an overtemperature fault has been detected via TS2.
0 = Temperature is lower than or equal to the VOT2 (or input disabled by
IO_CONTROL[TS2] = 0).
1 = Temperature is higher than VOT2.
[0] (OT1):
This bit indicates an overtemperature fault has been detected via TS1.
0 = Temperature is lower than or equal to the VOT1 (or input disabled by
IO_CONTROL[TS1] = 0).
1 = Temperature is higher than VOT1.
FAULT_STATUS REGISTER (0x21)
7
6
5
4
3
2
1
0
–
–
I_FAULT
FORCE
POR
CRC
CUV
COV
The FAULT_STATUS register provides information about the source of the FAULT signal. The host must clear
each fault flag by writing a 1 to the bit that is set. The exception is bit 4, which may be written 1 or 0 as needed
to implement self-test of the IC stack and wiring.
[7] (not implemented)
[6] (not implemented)
[5] (I_FAULT):
The device has failed an internal register consistency check. Measurement data and
protection function status may not be accurate and should not be used.
0 = No internal register consistency check fault exists.
38
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links :bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com