Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

bq76PL536APAP Datasheet(PDF) 12 Page - Texas Instruments

Part # bq76PL536APAP
Description  3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for Applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

bq76PL536APAP Datasheet(HTML) 12 Page - Texas Instruments

Back Button bq76PL536APAP Datasheet HTML 8Page - Texas Instruments bq76PL536APAP Datasheet HTML 9Page - Texas Instruments bq76PL536APAP Datasheet HTML 10Page - Texas Instruments bq76PL536APAP Datasheet HTML 11Page - Texas Instruments bq76PL536APAP Datasheet HTML 12Page - Texas Instruments bq76PL536APAP Datasheet HTML 13Page - Texas Instruments bq76PL536APAP Datasheet HTML 14Page - Texas Instruments bq76PL536APAP Datasheet HTML 15Page - Texas Instruments bq76PL536APAP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
bq76PL536A
SLUSAD3A – JUNE 2011 – REVISED AUGUST 2012
www.ti.com
BATTERY PROTECTION DELAY TIMES
Typical values stated where TA = 25°C and VBAT = 20 V, Min/Max values stated where TA = –40˚C to 85°C and VBAT = 7.2 V
to 27 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
NOM
MAX
UNIT
tOV
OV detection delay-time range
0
3200
ms
COVT [µs/ms] = 0
100
µs
ΔtOV
OV detection delay-time step
COVT [µs/ms] = 1
100
ms
tUV
UV detection delay-time range
0
3200
ms
CUVT[7] (µs/ms) = 0
100
µs
ΔtUV
UV detection delay-time step
CUVT[7] (µs/ms) = 1
100
ms
tOT
OT detection delay-time range
0
2550
ms
ΔtOT
OT detection delay-ime step
10
ms
OV, UV, and OT detection delay-time
tacr
CUVT, (COVT)
≥ 500 µs
–12%
0%
10%
accuracy(1)
VOT or VOV or VUV threshold exceeded by
t(DETECT)
Protection comparator detection time
100
µs
10 mV
(1)
Under double or multiple fault conditions (of a single type), the second or greater fault may have its delay time shortened by up to the
step time for the fault. I.e., the second and subsequent COV faults occurring within the delay time period for the first fault may have their
delay time shortened by up to 100 µs.
OTP EPROM PROGRAMMING CHARACTERISTICS
Typical values stated where TA = 25°C and VBAT = 20 V, Min/Max values stated where TA = –40˚C to 85°C and VBAT = 7.2 V
to 27 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
NOM
MAX
UNIT
VPROG
Programming voltage
6.75
7
7.25
V
tPROG
Programming time
VBAT ≥ 20 V
50
ms
IPROG
Programming current
10
20
mA
12
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links :bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com