Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

bq76PL536APAP Datasheet(PDF) 52 Page - Texas Instruments

Part # bq76PL536APAP
Description  3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for Applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

bq76PL536APAP Datasheet(HTML) 52 Page - Texas Instruments

Back Button bq76PL536APAP Datasheet HTML 48Page - Texas Instruments bq76PL536APAP Datasheet HTML 49Page - Texas Instruments bq76PL536APAP Datasheet HTML 50Page - Texas Instruments bq76PL536APAP Datasheet HTML 51Page - Texas Instruments bq76PL536APAP Datasheet HTML 52Page - Texas Instruments bq76PL536APAP Datasheet HTML 53Page - Texas Instruments bq76PL536APAP Datasheet HTML 54Page - Texas Instruments bq76PL536APAP Datasheet HTML 55Page - Texas Instruments bq76PL536APAP Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
bq76PL536A
SLUSAD3A – JUNE 2011 – REVISED AUGUST 2012
www.ti.com
Changes and Enhancements for bq76PL536A
•
Improved power management during CRC faults – Configuration bit IO_CONFIG[CRCNOFLT] (bit7) was
added to disable CRC fault from asserting the FAULT pin. This feature is useful under very low-power
operating conditions.
•
ADC accuracy improvements – The conversion timing is now fixed at 6 µs, offering improved accuracy over
the original bq76PL536.
•
Improved ADC automatic mode functionality, allowing optimized and fully automatic internal power
management (ADC_CTRL[ADC_ON] = 0) during normal operation at sample rates (time between
conversions) > 10 ms.
•
Pin DRDY logic now indicates conversion status of all devices in the system.
•
Improved VBUS communications reduce noise, enhance drive levels and hysteresis to improve battery stack
communications, and eliminate eight external components or more. Support for longer distances between ICs
and/or higher speeds for implementing large battery stack sizes.
•
Improved flowchart for device addressing provided in data sheet.
Spacer
REVISION HISTORY
Changes from Revision Original (June 2011) to Revision A
Page
•
Changed the pinout image to remove the device number and package type ...................................................................... 4
52
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links :bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com