Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

bq76PL536APAP Datasheet(PDF) 17 Page - Texas Instruments

Part # bq76PL536APAP
Description  3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for Applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

bq76PL536APAP Datasheet(HTML) 17 Page - Texas Instruments

Back Button bq76PL536APAP Datasheet HTML 13Page - Texas Instruments bq76PL536APAP Datasheet HTML 14Page - Texas Instruments bq76PL536APAP Datasheet HTML 15Page - Texas Instruments bq76PL536APAP Datasheet HTML 16Page - Texas Instruments bq76PL536APAP Datasheet HTML 17Page - Texas Instruments bq76PL536APAP Datasheet HTML 18Page - Texas Instruments bq76PL536APAP Datasheet HTML 19Page - Texas Instruments bq76PL536APAP Datasheet HTML 20Page - Texas Instruments bq76PL536APAP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
47 nF
RTH
RT
RB
REG50
TS+
TS–
R
B
TH@40C
TH@90C
= 0.4 (R
– R
)
RT = RTH@ 40C – 2RTH @90C – RB
bq76PL536A
www.ti.com
SLUSAD3A – JUNE 2011 – REVISED AUGUST 2012
Figure 5. Thermistor Connection
Converting TSn Result to Voltage (Ratio)
To convert the returned TSn measurement value to a ratio, RTS = VTS:REG50, the following formulas are used.
Example:
The voltage connected to the TS1 inputs (TS1+ – TS1–) == 0.661 V; VREG50 ≈ 5 V nominal
After conversion, REGMSB == 0x11; REGLSB == 0x16
ACTUAL_COUNT = 0x11 × 0x100 + 0x16 = 0x1116 (4374
.)
(4374 + 2) / 33,046 = 0.1324 (ratio of TSn inputs to REG50)
0.1324 × REG50 = 0.662 V
ADC Band-Gap Voltage Reference
The ADC and protection subsystems use separate and independent internal voltage references. The ADC band
gap (VREF) is nominally 2.5 V. The reference is temperature-compensated and stable.
The internal reference is brought out to the VREF pin for bypassing. A high quality 10-
μF capacitor should be
connected between the VREF and AGND pins, in very close physical proximity to the device pins, using short
track lengths to minimize the effects of track inductance on signal quality. The AGND pin should be connected to
VSS. Device VSS connections should be brought to a single point close to the IC to minimize layout-induced
errors. The device tab should also be connected to this point, and is a convenient common VSS location. The
internal VREF should not be used externally to the device by user circuits.
Conversion Control
Convert Start
Two methods are available to start a conversion cycle. The CONV_H pin may be asserted, or firmware may set
the CONVERT_CTRL[CONV] bit.
Hardware Start
A single interface pin (CONV_H) is used for conversion-start control by the host. A conversion cycle is started by
a hardware signal when CONV_H is transitioned low-to-high by the host. The host should hold this state until the
conversion cycle is complete to avoid erroneous edges causing a conversion start when the present conversion
is not complete. The signal is simultaneously sent to the higher device in the stack by the assertion of the
CONV_N signal. The bq76PL536A automatically sequences through the series of measurements enabled via the
ADC_CONTROL[] register after a convert-start signal is received from either the register bit or the hardware pin.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links :bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com