Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG719BRTZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG719BRTZ-R2
Description  CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG719BRTZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG719BRTZ-R2 Datasheet HTML 2Page - Analog Devices ADG719BRTZ-R2 Datasheet HTML 3Page - Analog Devices ADG719BRTZ-R2 Datasheet HTML 4Page - Analog Devices ADG719BRTZ-R2 Datasheet HTML 5Page - Analog Devices ADG719BRTZ-R2 Datasheet HTML 6Page - Analog Devices ADG719BRTZ-R2 Datasheet HTML 7Page - Analog Devices ADG719BRTZ-R2 Datasheet HTML 8Page - Analog Devices ADG719BRTZ-R2 Datasheet HTML 9Page - Analog Devices ADG719BRTZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADG719
Rev. D | Page 6 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
IN
1
VDD 2
GND
3
S2
6
D
5
S1
4
ADG719
TOP VIEW
(Not to Scale)
D
1
S1
2
GND
3
VDD
4
S2
8
NC
7
IN
6
NC
5
NC = NO CONNECT
ADG719
TOP VIEW
(Not to Scale)
Figure 2. 6-Lead SOT-23
Figure 3. 8-Lead MSOP
Table 4. Pin description
Pin Number
Mnemonic
Description
MSOP
SOT-23
1
5
D
Drain Terminal. Can be used as an input or output.
2
4
S1
Source Terminal. Can be used as an input or output.
3
3
GND
Ground (0 V) Reference Pin.
4
2
VDD
Most Positive Power Supply Pin.
5
–
NC
Not Internally Connected.
6
1
IN
Digital Switch Control Pin.
7
–
NC
Not Internally Connected.
8
6
S2
Source Terminal. Can be used as an input or output.
Table 5. Truth Table
ADG719 IN
Switch S1
Switch S2
0
ON
OFF
1
OFF
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com