Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG719BRTZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADG719BRTZ-R2
Description  CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG719BRTZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG719BRTZ-R2 Datasheet HTML 6Page - Analog Devices ADG719BRTZ-R2 Datasheet HTML 7Page - Analog Devices ADG719BRTZ-R2 Datasheet HTML 8Page - Analog Devices ADG719BRTZ-R2 Datasheet HTML 9Page - Analog Devices ADG719BRTZ-R2 Datasheet HTML 10Page - Analog Devices ADG719BRTZ-R2 Datasheet HTML 11Page - Analog Devices ADG719BRTZ-R2 Datasheet HTML 12Page - Analog Devices ADG719BRTZ-R2 Datasheet HTML 13Page - Analog Devices ADG719BRTZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADG719
Rev. D | Page 10 of 16
VOUT
RL
NETWORK
ANALYZER
IN
GND
S
D
50
Ω
50
Ω
50
Ω
OFF ISOLATION = 20 LOG
VOUT
VS
0.1µF
VDD
VDD
VIN
VS
Figure 19. Off Isolation
VOUT
VDD
RL
VS
VOUT
VS
50
Ω
50
Ω
50
Ω
0.1µF
VDD
CHANNEL-TO-CHANNEL
CROSSTALK = 20 LOG
GND
S1
D
R
S2
IN
NETWORK
ANALYZER
Figure 20. Channel-to-Channel Crosstalk
VOUT
RL
NETWORK
ANALYZER
IN
GND
S
D
50
Ω
50
Ω
INSERTION LOSS= 20 LOG
0.1µF
VDD
VDD
VIN
VS
VOUT WITH SWITCH
VOUT WITHOUT SWITCH
Figure 21. Bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com