Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG719BRTZ-R2 Datasheet(PDF) 2 Page - Analog Devices

Part # ADG719BRTZ-R2
Description  CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG719BRTZ-R2 Datasheet(HTML) 2 Page - Analog Devices

  ADG719BRTZ-R2 Datasheet HTML 1Page - Analog Devices ADG719BRTZ-R2 Datasheet HTML 2Page - Analog Devices ADG719BRTZ-R2 Datasheet HTML 3Page - Analog Devices ADG719BRTZ-R2 Datasheet HTML 4Page - Analog Devices ADG719BRTZ-R2 Datasheet HTML 5Page - Analog Devices ADG719BRTZ-R2 Datasheet HTML 6Page - Analog Devices ADG719BRTZ-R2 Datasheet HTML 7Page - Analog Devices ADG719BRTZ-R2 Datasheet HTML 8Page - Analog Devices ADG719BRTZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADG719
Rev. D | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Product Highlights ........................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 5
ESD Caution.................................................................................. 5
Pin Configuration and Function Descriptions............................. 6
Typical Performance Characteristics ..............................................7
Test Circuits........................................................................................9
Terminology .................................................................................... 11
Applications Information .............................................................. 12
ADG719 Supply Voltages .......................................................... 12
On Response vs. Frequency ...................................................... 12
Off Isolation ................................................................................ 12
Outline Dimensions ....................................................................... 13
Ordering Guide .......................................................................... 14
REVISION HISTORY
3/10—Rev. C to Rev. D
Removed B Version Text............................................... Throughout
Changes to Figure 1.......................................................................... 1
Deleted Endnote 1 (Table 1)............................................................ 3
Deleted Endnote 1 (Table 2)............................................................ 4
Changes to Figure 2.......................................................................... 6
Changes to Ordering Guide .......................................................... 14
12/09—Rev. B to Rev. C
Updated Format..................................................................Universal
Changes to Table 3............................................................................ 5
Added Table 4.................................................................................... 6
Changes to Terminology Section.................................................. 11
Updated Outline Dimensions ....................................................... 13
Changes to Ordering Guide .......................................................... 14
7/02—Rev. A to Rev. B
.
Changes to Product Name............................................................... 1
Changes to Features.......................................................................... 1
Additions to Product Highlights .................................................... 1
Changes to Specifications ................................................................ 2
Edits to Absolute Maximum Ratings ............................................. 4
Changes to Terminology.................................................................. 4
Edits to Ordering Guide .................................................................. 4
Added New TPCs 4 and 5 ............................................................... 5
Replaced TPC 10............................................................................... 6
Test Circuits 6, 7, and 8 Replaced................................................... 7
Updated RM-8 and RT-6 Package Outlines ................................. 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com