Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG719BRTZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # ADG719BRTZ-R2
Description  CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG719BRTZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG719BRTZ-R2 Datasheet HTML 7Page - Analog Devices ADG719BRTZ-R2 Datasheet HTML 8Page - Analog Devices ADG719BRTZ-R2 Datasheet HTML 9Page - Analog Devices ADG719BRTZ-R2 Datasheet HTML 10Page - Analog Devices ADG719BRTZ-R2 Datasheet HTML 11Page - Analog Devices ADG719BRTZ-R2 Datasheet HTML 12Page - Analog Devices ADG719BRTZ-R2 Datasheet HTML 13Page - Analog Devices ADG719BRTZ-R2 Datasheet HTML 14Page - Analog Devices ADG719BRTZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADG719
Rev. D | Page 11 of 16
TERMINOLOGY
RON
Ohmic Resistance between D and S.
ΔRON
On Resistance Match between Any Two Channels
that is, RON max − RON min.
RFLAT(ON)
Flatness is defined as the difference between the maximum and
minimum value of on resistance, as measured over the specified
analog signal range.
IS (Off)
Source Leakage Current with the Switch Off.
ID, IS (On)
Channel Leakage Current with the Switch On.
VD (VS)
Analog Voltage on Terminals D and S.
CS (Off)
Off Switch Source Capacitance.
CD, CS (On)
On Switch Capacitance.
tON
Delay between Applying the Digital Control Input and the
Output Switching On.
tOFF
Delay between Applying the Digital Control Input and the
Output Switching Off.
tD
Off Time or On Time Measured between the 90% Points of
Both Switches, when Switching From One Address State to
Another.
Crosstalk
A Measure of Unwanted Signal That Is Coupled through from
One Channel to Another as a Result of Parasitic Capacitance.
Off Isolation
A Measure of Unwanted Signal Coupling through an Off Switch.
Bandwidth
The Frequency at Which the Output is Attenuated by −3 dBs.
On Response
The Frequency Response of the On Switch.
Insertion Loss
Loss due to On Resistance of Switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com