Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuM5010ARSZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADuM5010ARSZ
Description  The ADuM50101 is an integrated, isolated dc-to-dc converter.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM5010ARSZ Datasheet(HTML) 5 Page - Analog Devices

  ADuM5010ARSZ Datasheet HTML 1Page - Analog Devices ADuM5010ARSZ Datasheet HTML 2Page - Analog Devices ADuM5010ARSZ Datasheet HTML 3Page - Analog Devices ADuM5010ARSZ Datasheet HTML 4Page - Analog Devices ADuM5010ARSZ Datasheet HTML 5Page - Analog Devices ADuM5010ARSZ Datasheet HTML 6Page - Analog Devices ADuM5010ARSZ Datasheet HTML 7Page - Analog Devices ADuM5010ARSZ Datasheet HTML 8Page - Analog Devices ADuM5010ARSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
ADuM5010
Rev. A | Page 5 of 16
ELECTRICAL CHARACTERISTICS—5 V PRIMARY INPUT SUPPLY/3.3 V SECONDARY ISOLATED SUPPLY
All typical specifications are at TA = 25°C, VDDP = 5.0 V, VISO = 3.3 V, VSEL resistor network: R1 = 10 kΩ, R2 = 16.9 kΩ. Minimum/maximum
specifications apply over the entire recommended operation range which is 4.5 V ≤ VDDP ≤ 5.5 V, 3.0 V ≤ VISO ≤ 3.6 V, and −40°C ≤ TA ≤
+105°C, unless otherwise noted. Switching specifications are tested with CL = 15 pF and CMOS signal levels, unless otherwise noted.
Table 6. DC-to-DC Converter Static Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DC-TO-DC CONVERTER SUPPLY
Setpoint
VISO
3.3
V
IISO = 15 mA, R1 = 10 kΩ, R2 = 16.9 kΩ
Thermal Coefficient
VISO (TC)
−26
μV/°C
Line Regulation
VISO (LINE)
20
mV/V
IISO = 15 mA, VDD1 = 4.5 V to 5.5 V
Load Regulation
VISO (LOAD)
1.3
3
%
IISO = 3 mA to 27 mA
Output Ripple
VISO (RIP)
50
mV p-p
20 MHz bandwidth, CBO = 0.1 µF||10 µF, IISO = 27 mA
Output Noise
VISO (NOISE)
130
mV p-p
CBO = 0.1 µF||10 µF, IISO = 27 mA
Switching Frequency
fOSC
125
MHz
PulseWidth Modulation Frequency
fPWM
600
kHz
Output Supply
IISO (MAX)
30
mA
3.6 V > VISO > 3 V
Efficiency at IISO (MAX)
24
%
IISO = 27 mA
IDD1, No VISO Load
IDD1 (Q)
3.2
8
mA
IDD1, Full VISO Load
IDD1 (MAX)
85
mA
Thermal Shutdown
Shutdown Temperature
154
°C
Thermal Hysteresis
10
°C
Table 7. Input and Output Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DC SPECIFICATIONS
Logic High Input Threshold
VIH
0.7 VDDP
V
Logic Low Input Threshold
VIL
0.3 VDDP
V
Undervoltage Lockout
VISO, VDDP supply
Positive Going Threshold
VUV+
2.7
V
Negative Going Threshold
VUV−
2.4
V
Input Currents per Channel
IPDIS
−10
+0.01
+10
µA
0 V ≤ VPDIS ≤ VDDP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com