Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuM5010ARSZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADuM5010ARSZ
Description  The ADuM50101 is an integrated, isolated dc-to-dc converter.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM5010ARSZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADuM5010ARSZ Datasheet HTML 4Page - Analog Devices ADuM5010ARSZ Datasheet HTML 5Page - Analog Devices ADuM5010ARSZ Datasheet HTML 6Page - Analog Devices ADuM5010ARSZ Datasheet HTML 7Page - Analog Devices ADuM5010ARSZ Datasheet HTML 8Page - Analog Devices ADuM5010ARSZ Datasheet HTML 9Page - Analog Devices ADuM5010ARSZ Datasheet HTML 10Page - Analog Devices ADuM5010ARSZ Datasheet HTML 11Page - Analog Devices ADuM5010ARSZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADuM5010
Data Sheet
Rev. A | Page 8 of 16
ABSOLUTE MAXIMUM RATINGS
Ambient temperature = 25°C, unless otherwise noted.
Table 13.
Parameter
Rating
Storage Temperature (TST)
−55°C to +150°C
Ambient Operating Temperature (TA)
−40°C to +105°C
Supply Voltages (VDDP, VISO)1
−0.5 V to +7.0 V
VISO Supply Current2
TA = −40°C to +105°C
30 mA
Input Voltage (PDIS, VSEL)1, 3
−0.5 V to VDD + 0.5 V
Common-Mode Transients4
−100 kV/µs to +100 kV/µs
1 All voltages are relative to their respective ground.
2 The VISO provides current for dc and dynamic loads on the VISO I/O
channels. This current must be included when determining the total
VISO supply current.
3 VDD can be either VDDP or VISO depending on the whether the input is on
the primary or secondary side of the part respectively.
4 Refers to common-mode transients across the insulation barrier. Common-
mode transients exceeding the absolute maximum ratings may cause
latch-up or permanent damage.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 14. Maximum Continuous Working Voltage
Supporting 50-Year Minimum Lifetime1
Parameter
Max
Unit
Applicable
Certification
AC Voltage
Bipolar Waveform
560
V peak
All certifications,
50-year operation
Unipolar Waveform
560
V peak
DC Voltage
|DC Peak Voltage|
560
V peak
1 Refers to the continuous voltage magnitude imposed across the isola-
tion barrier. See the Insulation Lifetime section for more information.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com