Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuM5010ARSZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADuM5010ARSZ
Description  The ADuM50101 is an integrated, isolated dc-to-dc converter.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM5010ARSZ Datasheet(HTML) 1 Page - Analog Devices

  ADuM5010ARSZ Datasheet HTML 1Page - Analog Devices ADuM5010ARSZ Datasheet HTML 2Page - Analog Devices ADuM5010ARSZ Datasheet HTML 3Page - Analog Devices ADuM5010ARSZ Datasheet HTML 4Page - Analog Devices ADuM5010ARSZ Datasheet HTML 5Page - Analog Devices ADuM5010ARSZ Datasheet HTML 6Page - Analog Devices ADuM5010ARSZ Datasheet HTML 7Page - Analog Devices ADuM5010ARSZ Datasheet HTML 8Page - Analog Devices ADuM5010ARSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Integrated DC-to-DC Converter
Data Sheet
ADuM5010
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
iso
Power integrated, isolated dc-to-dc converter
Regulated 3.15 V to 5.25 V output
Up to 150 mW output power
20-lead SSOP package with 5.3 mm creepage
High temperature operation: 105°C
High common-mode transient immunity: >25 kV/µs
Safety and regulatory approvals
UL recognition (pending)
2500 V rms for 1 minute per UL 1577
CSA Component Acceptance Notice #5A (pending)
VDE certificate of conformity (pending)
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VIORM = 560 V peak
APPLICATIONS
Power supply start-up bias and gate drives
Isolated sensor interfaces
Industrial PLCs
GENERAL DESCRIPTION
The ADuM50101 is an integrated, isolated dc-to-dc converter.
Based on the Analog Devices, Inc., iCoupler® technology, the
dc-to-dc converter provides regulated, isolated power, adjustable
between 3.15 V and 5.25 V. Input supply voltages can range
from slightly below the required output to significantly higher.
Popular combinations and their associated power levels are shown
in Table 1.
The iCoupler chip-scale transformer technology is used for isolated
logic signals and for the magnetic components of the dc-to-dc
converter. The result is a small form factor, total isolation
solution.
iso
Power uses high frequency switching elements to transfer
power through its transformer. Special care must be taken
during printed circuit board (PCB) layout to meet emissions
standards. See the AN-0971 Application Note for board layout
recommendations.
FUNCTIONAL BLOCK DIAGRAM
GNDP
NC
NC
NC
GNDP
GNDP
NC
PDIS
VDDP
GNDP
NC
GNDISO
GNDISO
GNDISO
GNDISO
NC
NC
NC
VSEL
VISO
1.25V
1
2
3
4
5
6
7
8
9
10
16
15
14
13
12
19
20
18
17
11
ADuM5010
OSC
RECT
REG
PCS
Figure 1.
Table 1. Power Levels
Input Voltage (V)
Output Voltage (V)
Output Power (mW)
5
5
150
5
3.3
100
3.3
3.3
66
1 Protected by U.S. Patents 5,952,849; 6,873,065; 6,903,578; and 7,075,329. Other patents are pending.


Similar Part No. - ADuM5010ARSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5010 AD-ADUM5010 Datasheet
290Kb / 8P
iCoupler EVAL-ADuM5010EBZ, 150 mW isoPower Evaluation Board
REV. 0
More results

Similar Description - ADuM5010ARSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5000 AD-ADUM5000_08 Datasheet
415Kb / 16P
Isolated DC-to-DC Converter
REV. 0
ADUM6010 AD-ADUM6010 Datasheet
486Kb / 16P
The ADuM60101 is an integrated, isolated dc-to-dc converter.
REV. A
logo
Powerex Power Semicondu...
M57140-01 POWEREX-M57140-01 Datasheet
80Kb / 4P
Isolated DC-to-DC Converter
logo
Vicor Corporation
DCM3714XD2H31E0YZZ VICOR-DCM3714XD2H31E0YZZ Datasheet
1Mb / 23P
Isolated, regulated DC-to-DC converter
logo
International Rectifier
IRDC3837 IRF-IRDC3837 Datasheet
1Mb / 16P
The IR3837 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC regulator.
IRDC3863 IRF-IRDC3863 Datasheet
1,006Kb / 15P
The IR3863 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator
IRDC3865 IRF-IRDC3865 Datasheet
986Kb / 15P
The IR3865 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator.
IRDC3871 IRF-IRDC3871 Datasheet
1Mb / 15P
The IR3871 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator.
IRDC3876 IRF-IRDC3876 Datasheet
1Mb / 15P
The IR3876 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator.
logo
Analog Devices
ADUM6010 AD-ADUM6010_V01 Datasheet
434Kb / 16P
Integrated DC-to-DC Converter
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com