Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuM5010ARSZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADuM5010ARSZ
Description  The ADuM50101 is an integrated, isolated dc-to-dc converter.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM5010ARSZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADuM5010ARSZ Datasheet HTML 8Page - Analog Devices ADuM5010ARSZ Datasheet HTML 9Page - Analog Devices ADuM5010ARSZ Datasheet HTML 10Page - Analog Devices ADuM5010ARSZ Datasheet HTML 11Page - Analog Devices ADuM5010ARSZ Datasheet HTML 12Page - Analog Devices ADuM5010ARSZ Datasheet HTML 13Page - Analog Devices ADuM5010ARSZ Datasheet HTML 14Page - Analog Devices ADuM5010ARSZ Datasheet HTML 15Page - Analog Devices ADuM5010ARSZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADuM5010
Data Sheet
Rev. A | Page 12 of 16
APPLICATIONS INFORMATION
The dc-to-dc converter section of the ADuM5010 works on
principles that are common to most modern power supplies.
It has split controller architecture with isolated pulse-width
modulation (PWM) feedback. VDDP power is supplied to an
oscillating circuit that switches current into a chip-scale air core
transformer. Power transferred to the secondary side is rectified
and regulated to a value between 3.15 V and 5.25 V depending
on the setpoint supplied by an external voltage divider (see
Equation 1). The secondary (VISO) side controller regulates
the output by creating a PWM control signal that is sent to the
primary (VDDP) side by a dedicated iCoupler data channel. The
PWM modulates the oscillator circuit to control the power being
sent to the secondary side. Feedback allows for significantly higher
power and efficiency.
R1
R2
R1
VISO
)
(
V
23
.
1
+
=
(1)
where:
R1 is a resistor between VSEL and GNDISO.
R2 is a resistor between VSEL and VISO.
Because the output voltage can be adjusted continuously
there are an infinite number of operating conditions. This
data sheet addresses three discrete operating conditions in the
Specifications tables. Many other combinations of input and
output voltage are possible; Figure 13 depicts the supported
voltage combinations at room temperature. Figure 13 was
generated by fixing the VISO load and decreasing the input
voltage until the PWM was at 80% duty cycle. Each of the
curves represents the minimum input voltage that is required
for operation under this criterion. For example, if the applica-
tion requires 30 mA of output current at 5 V, the minimum
input voltage at VDDP is 4.25 V. Figure 13 also illustrates why
the VDDP = 3.3 V input and VISO = 5 V configuration is not
recommended. Even at 10 mA of output current, the PWM
cannot maintain less than 80% duty factor, leaving no margin
to support load or temperature variations.
Typically, the ADuM5010 dissipates about 17% more power
between room temperature and maximum temperature; there-
fore, the 20% PWM margin covers temperature variations.
The ADuM5010 implements undervoltage lockout (UVLO)
with hysteresis on the primary and secondary sides I/O pins
as well as the VDDP power input. This feature ensures that the
converter does not go into oscillation due to noisy input power
or slow power-on ramp rates.
PCB LAYOUT
The ADuM5010 digital isolator, with a 0.15 W isoPower integrated
dc-to-dc converter, requires no external interface circuitry
for the logic interfaces. Power supply bypassing with a low ESR
capacitor is required as close to the chip pads as possible. The
isoPower inputs require several passive components to bypass
the power effectively as well as to set the output voltage and
to bypass the core voltage regulator (see Figure 16 through
Figure 18).
PDIS
VDDP
GNDP
10µF
0.1µF
+
8
9
10
Figure 16. VDDP Bias and Bypass Components
VSEL
VISO
GNDISO
10µF
0.1µF
+
10k
Ω
30k
Ω
13
12
11
Figure 17. VISO Bias and Bypass Components
The power supply section of the ADuM5010 uses a 125 MHz
oscillator frequency to efficiently pass power through its chip-
scale transformers. Bypass capacitors must do more than one
job and must be chosen carefully. Noise suppression requires a
low inductance, high frequency capacitor; ripple suppression
and proper regulation require a large value bulk capacitor.
These capacitors are most conveniently connected between
Pin 9 and Pin 10 for VDDP and between Pin 11 and Pin 12 for VISO.
To suppress noise and reduce ripple, a parallel combination of at
least two capacitors is required. The recommended capacitor
values are 0.1 µF and 10 µF for VDD1. The smaller capacitor
must have a low ESR; for example, use of an NPO or X5R ceramic
capacitor is advised. Ceramic capacitors are also recommended for
the 10 mF bulk capacitance. An additional 10 nF capacitor can be
added in parallel if further EMI/EMC control is desired.
Note that the total lead length between the ends of the low ESR
capacitor and the input power supply pin must not exceed 2 mm.
GNDP
GNDISO
VSEL
PDIS
VDDP
VISO
GNDP
BYPASS < 2mm
GNDISO
ADuM5010
Figure 18. Recommended PCB Layout
In applications involving high common-mode transients, design
the board layout such that any coupling that does occur equally
affects all pins on a given component side. Failure to ensure this can
cause voltage differentials between pins, exceeding the absolute
maximum ratings specified in Table 13, and thereby leading to
latch-up and/or permanent damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com