Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2735XMF/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM2735XMF/NOPB
Description  LM2735/LM2735-Q1 520kHz/1.6MHz ??Space-Efficient Boost and SEPIC DC-DC Regulator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2735XMF/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM2735XMF/NOPB Datasheet HTML 1Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 2Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 3Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 4Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 5Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 6Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 7Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 8Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
1
2
3
7
6
4
AGND
FB
SW
VIN
EN
PGND
5
8
NC
NC
1
2
3
6
5
4
AGND
FB
SW
VIN
EN
PGND
2
1
3
5
4
EN
GND
FB
VIN
SW
4
2
5
3
1
C1
C2
VIN
2.7V-5.5V
L1
D1
R2
R1
C3
GND
12V
R3
LM2735
SNVS485F – JUNE 2007 – REVISED APRIL 2013
www.ti.com
Typical Boost Application Circuit
Figure 1.
Figure 2. Efficiency vs Load Current VO = 12V
Connection Diagrams
Figure 3. 5-Pin SOT-23 (Top View)
Figure 4. 6-Pin WSON (Top View)
See Package Number DBV
See Package Number NGG
Figure 5. 8-Pin MSOP-PowerPAD (Top View)
See Package Number DGN
2
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM2735



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com