Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2735XMF/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM2735XMF/NOPB
Description  LM2735/LM2735-Q1 520kHz/1.6MHz ??Space-Efficient Boost and SEPIC DC-DC Regulator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2735XMF/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2735XMF/NOPB Datasheet HTML 9Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 10Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 11Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 12Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 13Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 14Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 15Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 16Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
10
100
1k
10k
100k
1M
FREQUENCY
-80
-60
-40
-20
0
20
40
60
80
-180
-90
0
90
180
RHP-Zero
gm-Zero
gm-Pole
RC-Pole
Vi = 5V
Vo = 12V
Io = 500 mA
Co = 10 PF
Lo = 5 PH
REF
V
¨
¨
©
§
OUT
V
=
2
R
1¸¸
¹
·
-
x
1
R
LOAD
R
O
V
3
C
2
R
1
R
FB
V
LM2735
www.ti.com
SNVS485F – JUNE 2007 – REVISED APRIL 2013
Figure 22. Setting Vout
A good value for R1 is 10k
Ω.
(9)
COMPENSATION
The LM2735 uses constant frequency peak current mode control. This mode of control allows for a simple
external compensation scheme that can be optimized for each application. A complicated mathematical analysis
can be completed to fully explain the LM2735’s internal & external compensation, but for simplicity, a graphical
approach with simple equations will be used. Below is a Gain & Phase plot of a LM2735 that produces a 12V
output from a 5V input voltage. The Bode plot shows the total loop Gain & Phase without external compensation.
Figure 23. LM2735 Without External Compensation
One can see that the Crossover frequency is fine, but the phase margin at 0dB is very low (22°). A zero can be
placed just above the crossover frequency so that the phase margin will be bumped up to a minimum of 45°.
Below is the same application with a zero added at 8 kHz.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM2735



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com