Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2735XMF/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM2735XMF/NOPB
Description  LM2735/LM2735-Q1 520kHz/1.6MHz ??Space-Efficient Boost and SEPIC DC-DC Regulator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2735XMF/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM2735XMF/NOPB Datasheet HTML 17Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 18Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 19Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 20Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 21Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 22Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 23Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 24Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
D
2
x
x
=
RDSON
¸¸
¹
·
¨¨
©
§
D'
IO
P
NFET
-
COND
Isw-rms = IIND D
1 +
'i
IIND
1
3
2
x
IIND
|
PIND = IIN
2 x R
IND-DCR
D
t
'i
I
I
( )
t
sw
LM2735
www.ti.com
SNVS485F – JUNE 2007 – REVISED APRIL 2013
Figure 30. LM2735 Switch Current
(small ripple approximation)
(28)
PCOND-NFET = IIN
2 x R
DSON x D
(29)
(30)
The value for should be equal to the resistance at the junction temperature you wish to analyze. As an example,
at 125°C and VIN = 5V, RDSON = 250 mΩ (See typical graphs for value).
Switching losses are also associated with the internal NMOS switch. They occur during the switch on and off
transition periods, where voltages and currents overlap resulting in power loss.
The simplest means to determine this loss is to empirically measuring the rise and fall times (10% to 90%) of the
switch at the switch node:
PSWR = 1/2(VOUT x IIN x FSW x TRISE)
(31)
PSWF = 1/2(VOUT x IIN x FSW x TFALL)
(32)
PSW = PSWR + PSWF
(33)
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM2735



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com