Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2735XMF/NOPB Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # LM2735XMF/NOPB
Description  LM2735/LM2735-Q1 520kHz/1.6MHz ??Space-Efficient Boost and SEPIC DC-DC Regulator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2735XMF/NOPB Datasheet(HTML) 39 Page - Texas Instruments

Back Button LM2735XMF/NOPB Datasheet HTML 35Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 36Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 37Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 38Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 39Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 40Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 41Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 42Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
1
2
3
6
5
4
2
R
5
C
1
R
1
D
LM2735
3
C
LOAD
R
4
C
3
R
2
C
1
L
IN
V
1
C
LM2735
www.ti.com
SNVS485F – JUNE 2007 – REVISED APRIL 2013
LM2735X WSON Design Example 10
Figure 47. LM2735X (1.6MHz): Vin = 3.3V, Vout = 20V @ 150mA
Part ID
Part Value
Manufacturer
Part Number
U1
2.1A Boost Regulator
TI
LM2735XSD
C1 Input Cap
22µF, 6.3V, X5R
TDK
C2012X5R0J226M
C2 Input Cap
22µF, 6.3V, X5R
TDK
C2012X5R0J226M
C3 Output Cap
10µF, 25V, X5R
TDK
C3216X5R1E106M
C4 Output Cap
No Load
C5 Comp Cap
470pF
TDK
C1608X5R1H471K
D1, Catch Diode
0.4Vf Schottky 500mA, 30VR
Vishay
MBR0530
L1
8.2µH 2A
Coilcraft
DO1813H-822ML
R1
10.0k
Ω, 1%
Vishay
CRCW06031002F
R2
150k
Ω, 1%
Vishay
CRCW06031503F
R3
100k
Ω, 1%
Vishay
CRCW06031003F
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: LM2735



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com