Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5010ASD Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM5010ASD
Description  High-Voltage 1-A Step-Down Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5010ASD Datasheet(HTML) 4 Page - Texas Instruments

  LM5010ASD Datasheet HTML 1Page - Texas Instruments LM5010ASD Datasheet HTML 2Page - Texas Instruments LM5010ASD Datasheet HTML 3Page - Texas Instruments LM5010ASD Datasheet HTML 4Page - Texas Instruments LM5010ASD Datasheet HTML 5Page - Texas Instruments LM5010ASD Datasheet HTML 6Page - Texas Instruments LM5010ASD Datasheet HTML 7Page - Texas Instruments LM5010ASD Datasheet HTML 8Page - Texas Instruments LM5010ASD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
LM5010A
LM5010A-Q1
SNVS376E – OCTOBER 2005 – REVISED FEBRUARY 2013
www.ti.com
Electrical Characteristics (continued)
Specifications with standard type are for TJ = 25°C only; limits in boldface type apply over the full Operating Junction
Temperature (TJ) range. Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical
values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless
otherwise stated the following conditions apply: VIN = 48V, RON = 200kΩ. See
(1).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Switch Characteristics
RDS(on)
Buck Switch RDS(on) at ISW = 200
TJ ≤ 125°C
0.35
0.80
Ω
mA
TJ ≤ 150°C
0.85
UVLOGD
Gate Drive UVLO
VBST - VSW Increasing
1.7
3.0
4.0
V
UVLOGD hysteresis
400
mV
SOFT-START Pin
ISS
Internal current source
8.0
11.5
15
µA
Current Limit
ILIM
Threshold
Current out of ISEN
1
1.25
1.5
A
Resistance from ISEN to SGND
130
m
Ω
Response time
150
ns
On Timer, RON/SD Pin
tON - 1
On-time
VIN = 10V, RON = 200 kΩ
2.1
2.75
3.4
µs
tON - 2
On-time
VIN = 75V, RON = 200 kΩ
290
390
496
ns
Shutdown threshold
Voltage at RON/SD rising
0.30
0.7
1.05
V
Threshold hysteresis
40
mV
Off Timer
tOFF
Minimum Off-time
260
ns
Regulation and Over-Voltage Comparators (FB Pin)
VREF
FB regulation threshold
TJ ≤ 125°C
2.445
2.50
2.550
V
TJ ≤ 150°C
2.435
FB over-voltage threshold
2.9
V
FB bias current
1
nA
Thermal Shutdown
TSD
Thermal shutdown temperature
175
°C
Thermal shutdown hysteresis
20
°C
Thermal Resistance
θJA
Junction to Ambient, 0 LFPM Air
WSON-10 Package
40
°C/W
Flow
HTSSOP-14 Package
40
θJC
Junction to Case
WSON-10 Package
5.2
°C/W
HTSSOP-14 Package
5.2
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM5010A LM5010A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com