Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5010ASD Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM5010ASD
Description  High-Voltage 1-A Step-Down Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5010ASD Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM5010ASD Datasheet HTML 11Page - Texas Instruments LM5010ASD Datasheet HTML 12Page - Texas Instruments LM5010ASD Datasheet HTML 13Page - Texas Instruments LM5010ASD Datasheet HTML 14Page - Texas Instruments LM5010ASD Datasheet HTML 15Page - Texas Instruments LM5010ASD Datasheet HTML 16Page - Texas Instruments LM5010ASD Datasheet HTML 17Page - Texas Instruments LM5010ASD Datasheet HTML 18Page - Texas Instruments LM5010ASD Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
0
6
20
40
60
VIN (V)
250
200
150
100
50
Load Curent = 500 mA
200
400
600
800
1000
LOAD CURRENT (mA)
80
60
40
20
0
100
VIN = 6V
12V
60V
LM5010A
LM5010A-Q1
www.ti.com
SNVS376E – OCTOBER 2005 – REVISED FEBRUARY 2013
Table 2. Bill of Materials
Item
Description
Value
C1
Ceramic Capacitor
(2) 2.2 µF, 100V
C2
Ceramic Capacitor
22 µF, 16V
C3
Ceramic Capacitor
0.47 µF, 16V
C4, C6
Ceramic Capacitor
0.022 µF, 16V
C5
Ceramic Capacitor
0.1 µF, 100V
D1
Schottky Diode
100V, 6A
L1
Inductor
100 µH
R1
Resistor
1.0 k
Ω
R2
Resistor
1.0 k
Ω
R3
Resistor
1.5
Ω
RON
Resistor
200 k
Ω
U1
LM5010A
Figure 13. Efficiency vs Load Current and VIN
Figure 14. Frequency vs VIN
Circuit of Figure 12
Circuit of Figure 12
MINIMUM LOAD CURRENT
The LM5010A requires a minimum load current of 500 µA. If the load current falls below that level, the bootstrap
capacitor (C4) may discharge during the long off-time, and the circuit will either shutdown, or cycle on and off at
a low frequency. If the load current is expected to drop below 500 µA in the application, R1 and R2 should be
chosen low enough in value so they provide the minimum required current at nominal VOUT.
LOW OUTPUT RIPPLE CONFIGURATIONS
For applications where low output voltage ripple is required the output can be taken directly from the low ESR
output capacitor (C2) as shown in Figure 15. However, R3 slightly degrades the load regulation. The specific
component values, and the application determine if this is suitable.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM5010A LM5010A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com