Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5010ASD Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM5010ASD
Description  High-Voltage 1-A Step-Down Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5010ASD Datasheet(HTML) 3 Page - Texas Instruments

  LM5010ASD Datasheet HTML 1Page - Texas Instruments LM5010ASD Datasheet HTML 2Page - Texas Instruments LM5010ASD Datasheet HTML 3Page - Texas Instruments LM5010ASD Datasheet HTML 4Page - Texas Instruments LM5010ASD Datasheet HTML 5Page - Texas Instruments LM5010ASD Datasheet HTML 6Page - Texas Instruments LM5010ASD Datasheet HTML 7Page - Texas Instruments LM5010ASD Datasheet HTML 8Page - Texas Instruments LM5010ASD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
LM5010A
LM5010A-Q1
www.ti.com
SNVS376E – OCTOBER 2005 – REVISED FEBRUARY 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
VIN to RTN
-0.3V to 76V
BST to RTN
-0.3V to 90V
SW to RTN (Steady State)
-1.5V
BST to VCC
76V
BST to SW
14V
VCC to RTN
-0.3V to 14V
SGND to RTN
-0.3V to +0.3V
SS to RTN
-0.3V to 4V
VIN to SW
76V
All Other Inputs to RTN
-0.3V to 7V
ESD Rating, Human Body Model(2)
2kV
Storage Temperature Range
-65°C to +150°C
Lead Temperature (Soldering 4 sec)(3)
260°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics.
(2)
The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
(3)
For detailed information on soldering plastic HTSSOP and WSON packages, refer to the Packaging Data Book.
Operating Ratings
(1)
VIN Voltage
6.0V to 75V
Junction Temperature
LM5010A, LM5010AQ1
−40°C to + 125°C
LM5010AQ0
−40°C to + 150°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics.
Electrical Characteristics
Specifications with standard type are for TJ = 25°C only; limits in boldface type apply over the full Operating Junction
Temperature (TJ) range. Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical
values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless
otherwise stated the following conditions apply: VIN = 48V, RON = 200kΩ. See
(1).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC Regulator
VCCReg
VCC regulated output
6.6
7
7.4
Volts
VIN - VCC
ICC = 0 mA, FS < 200 kHz, 6.0V ≤ VIN ≤ 8.5V
100
mV
VCC Bypass Threshold
VIN Increasing
8.9
V
VCC Bypass Hysteresis
VIN Decreasing
260
mV
VCC output impedance
VIN = 6.0V
55
Ω
(0 mA
≤ ICC ≤ 5 mA)
VIN = 8.0V
50
VIN = 48V
0.21
VCC current limit
(2)
VIN = 48V, VCC = 0V
15
mA
UVLOVcc
VCC under-voltage lock-out
VCC Increasing
5.25
V
threshold
UVLOVCC hysteresis
VCC Decreasing
180
mV
UVLOVCC filter delay
100 mV overdrive
3
µs
IIN operating current
Non-switching, FB = 3V
675
950
µA
IIN shutdown current
RON/SD = 0V
100
200
µA
(1)
Typical specifications represent the most likely parametric norm at 25°C operation.
(2)
VCC provides bias for the internal gate drive and control circuits. Device thermal limitations limit external loading.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5010A LM5010A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com