Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5010ASD Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM5010ASD
Description  High-Voltage 1-A Step-Down Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5010ASD Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5010ASD Datasheet HTML 6Page - Texas Instruments LM5010ASD Datasheet HTML 7Page - Texas Instruments LM5010ASD Datasheet HTML 8Page - Texas Instruments LM5010ASD Datasheet HTML 9Page - Texas Instruments LM5010ASD Datasheet HTML 10Page - Texas Instruments LM5010ASD Datasheet HTML 11Page - Texas Instruments LM5010ASD Datasheet HTML 12Page - Texas Instruments LM5010ASD Datasheet HTML 13Page - Texas Instruments LM5010ASD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
'I =
(VIN - VOUT) x tON
L1
VIN
STOP
RUN
RON
Input
Voltage
LM5010A
RON/SD
tON(min) =
VOUT x 300 ns
(VIN(min) ± VOUT)
LM5010A
LM5010A-Q1
SNVS376E – OCTOBER 2005 – REVISED FEBRUARY 2013
www.ti.com
(8)
Shutdown
The LM5010A can be remotely shut down by forcing the RON/SD pin below 0.7V with a switch or open drain
device. See Figure 9. In the shutdown mode the SS pin is internally grounded, the on-time one-shot is disabled,
the input current at VIN is reduced, and the VCC bypass switch is turned off. The VCC regulator is not disabled in
the shutdown mode. Releasing the RON/SD pin allows normal operation to resume. The nominal voltage at
RON/SD is shown in the Typical Performance Characteristics. When switching the RON/SD pin, the transition
time should be faster than one to two cycles of the regulator’s nominal switching frequency.
Figure 9. Shutdown Implementation
Current Limit
Current limit detection occurs during the off-time by monitoring the recirculating current through the internal
current sense resistor (RSENSE). The detection threshold is 1.25A, ±0.25A. Referring to the Block Diagram, if the
current into SGND during the off-time exceeds the threshold level the current limit comparator delays the start of
the next on-time period. The next on-time starts when the current into SGND is below the threshold and the
voltage at FB is below 2.5V. Figure 10 illustrates the inductor current waveform during normal operation and
during current limit. The output current IO is the average of the inductor ripple current waveform. The Low Load
Current waveform illustrates continuous conduction mode operation with peak and valley inductor currents below
the current limit threshold. When the load current is increased (High Load Current), the ripple waveform
maintains the same amplitude and frequency since the current falls below the current limit threshold at the valley
of the ripple waveform. Note the average current in the High Load Current portion of Figure 10 is above the
current limit threshold. Since the current reduces below the threshold in the normal off-time each cycle, the start
of each on-time is not delayed, and the circuit’s output voltage is regulated at the correct value. When the load
current is further increased such that the lower peak would be above the threshold, the off-time is lengthened to
allow the current to decrease to the threshold before the next on-time begins (Current Limited portion of
Figure 10). Both VOUT and the switching frequency are reduced as the circuit operates in a constant current
mode. The load current (IOCL) is equal to the current limit threshold plus half the ripple current (ΔI/2). The ripple
amplitude (
ΔI) is calculated from:
(9)
The current limit threshold can be increased by connecting an external resistor (RCL) between SGND and ISEN.
RCL typically is less than 1Ω, and the calculation of its value is explained in Applications Information. If the
current limit threshold is increased by adding RCL, the maximum continuous load current should not exceed 1.5A,
and the peak current out of the SW pin should not exceed 2A.
10
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM5010A LM5010A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com