Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5707APHPR Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5707APHPR
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5707APHPR Datasheet(HTML) 27 Page - Texas Instruments

Back Button TAS5707APHPR Datasheet HTML 23Page - Texas Instruments TAS5707APHPR Datasheet HTML 24Page - Texas Instruments TAS5707APHPR Datasheet HTML 25Page - Texas Instruments TAS5707APHPR Datasheet HTML 26Page - Texas Instruments TAS5707APHPR Datasheet HTML 27Page - Texas Instruments TAS5707APHPR Datasheet HTML 28Page - Texas Instruments TAS5707APHPR Datasheet HTML 29Page - Texas Instruments TAS5707APHPR Datasheet HTML 30Page - Texas Instruments TAS5707APHPR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 58 page
background image
A6
A5
A0 R/W ACK A7
A6
A5
A4
A0 ACK
A6
A5
A0
ACK
Start
Condition
Stop
Condition
Acknowledge
Acknowledge
Acknowledge
I CDevice Addressand
2
Read/WriteBit
Subaddress
DataByte
D7
D6
D1
D0 ACK
I CDevice Addressand
Read/WriteBit
2
Not
Acknowledge
R/W
A1
A1
RepeatStart
Condition
T0036-03
A6
A0
ACK
Acknowledge
I CDevice Addressand
Read/WriteBit
2
R/W
A6
A0
R/W ACK
A0 ACK
D7
D0
ACK
Start
Condition
Stop
Condition
Acknowledge
Acknowledge
Acknowledge
LastDataByte
ACK
FirstDataByte
RepeatStart
Condition
Not
Acknowledge
I CDevice Addressand
Read/WriteBit
2
Subaddress
OtherDataBytes
A7
A6
A5
D7
D0 ACK
Acknowledge
D7
D0
T0036-04
TAS5707, TAS5707A
www.ti.com
SLOS556B – NOVEMBER 2008 – REVISED NOVEMBER 2009
Single-Byte Read
As shown in Figure 29, a single-byte data read transfer begins with the master device transmitting a start
condition followed by the I2C device address and the read/write bit. For the data read transfer, both a write
followed by a read are actually done. Initially, a write is done to transfer the address byte or bytes of the internal
memory address to be read. As a result, the read/write bit becomes a 0. After receiving the TAS5707 address
and the read/write bit, TAS5707 responds with an acknowledge bit. In addition, after sending the internal memory
address byte or bytes, the master device transmits another start condition followed by the TAS5707 address and
the read/write bit again. This time the read/write bit becomes a 1, indicating a read transfer. After receiving the
address and the read/write bit, the TAS5707 again responds with an acknowledge bit. Next, the TAS5707
transmits the data byte from the memory address being read. After receiving the data byte, the master device
transmits a not acknowledge followed by a stop condition to complete the single byte data read transfer.
Figure 29. Single-Byte Read Transfer
Multiple-Byte Read
A multiple-byte data read transfer is identical to a single-byte data read transfer except that multiple data bytes
are transmitted by the TAS5707 to the master device as shown in Figure 30. Except for the last data byte, the
master device responds with an acknowledge bit after receiving each data byte.
Figure 30. Multiple Byte Read Transfer
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): TAS5707 TAS5707A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com