Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5707APHPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5707APHPR
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5707APHPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS5707APHPR Datasheet HTML 2Page - Texas Instruments TAS5707APHPR Datasheet HTML 3Page - Texas Instruments TAS5707APHPR Datasheet HTML 4Page - Texas Instruments TAS5707APHPR Datasheet HTML 5Page - Texas Instruments TAS5707APHPR Datasheet HTML 6Page - Texas Instruments TAS5707APHPR Datasheet HTML 7Page - Texas Instruments TAS5707APHPR Datasheet HTML 8Page - Texas Instruments TAS5707APHPR Datasheet HTML 9Page - Texas Instruments TAS5707APHPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
TAS5707, TAS5707A
SLOS556B – NOVEMBER 2008 – REVISED NOVEMBER 2009
www.ti.com
PIN FUNCTIONS
PIN
TYPE
5-V
TERMINATION
DESCRIPTION
(1)
TOLERANT
(2)
NAME
NO.
AGND
30
P
Analog ground for power stage
AVDD
13
P
3.3-V analog power supply
AVSS
9
P
Analog 3.3-V supply ground
BST_A
4
P
High-side bootstrap supply for half-bridge A
BST_B
43
P
High-side bootstrap supply for half-bridge B
BST_C
42
P
High-side bootstrap supply for half-bridge C
BST_D
33
P
High-side bootstrap supply for half-bridge D
DVDD
27
P
3.3-V digital power supply
DVSSO
17
P
Oscillator ground
DVSS
28
P
Digital ground
FAULT
14
DO
Backend error indicator. Asserted LOW for over temperature, over
current, over voltage, and under voltage error conditions. De-asserted
upon recovery from error condition.
GND
29
P
Analog ground for power stage
GVDD_OUT
5, 32
P
Gate drive internal regulator output
LRCLK
20
DI
5-V
Pulldown
Input serial audio data left/right clock (sample rate clock)
MCLK
15
DI
5-V
Pulldown
Master clock input
NC
8
–
No connection
OC_ADJ
7
AO
Analog overcurrent programming. Requires resistor to ground.
OSC_RES
16
AO
Oscillator trim resistor. Connect an 18.2-k
Ω 1% resistor to DVSSO.
OUT_A
1
O
Output, half-bridge A
OUT_B
46
O
Output, half-bridge B
OUT_C
39
O
Output, half-bridge C
OUT_D
36
O
Output, half-bridge D
PDN
19
DI
5-V
Pullup
Power down, active-low. PDN prepares the device for loss of power
supplies by shutting down the noise shaper and initiating PWM stop
sequence.
PGND_AB
47, 48
P
Power ground for half-bridges A and B
PGND_CD
37, 38
P
Power ground for half-bridges C and D
PLL_FLTM
10
AO
PLL negative loop filter terminal
PLL_FLTP
11
AO
PLL positive loop filter terminal
PVDD_A
2, 3
P
Power supply input for half-bridge output A
PVDD_B
44, 45
P
Power supply input for half-bridge output B
PVDD_C
40, 41
P
Power supply input for half-bridge output C
PVDD_D
34, 35
P
Power supply input for half-bridge output D
RESET
25
DI
5-V
Pullup
Reset, active-low. A system reset is generated by applying a logic low
to this pin. RESET is an asynchronous control signal that restores the
DAP to its default conditions, and places the PWM in the hard mute
state (tristated).
SCL
24
DI
5-V
I2C serial control clock input
SCLK
21
DI
5-V
Pulldown
Serial audio data clock (shift clock). SCLK is the serial audio port input
data bit clock.
SDA
23
DIO
5-V
I2C serial control data interface input/output
SDIN
22
DI
5-V
Pulldown
Serial audio data input. SDIN supports three discrete (stereo) data
formats.
(1)
TYPE: A = analog; D = 3.3-V digital; P = power/ground/decoupling; I = input; O = output
(2)
All pullups are weak pullups and all pulldowns are weak pulldowns. The pullups and pulldowns are included to assure proper input logic
levels if the pins are left unconnected (pullups
→ logic 1 input; pulldowns → logic 0 input).
6
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TAS5707 TAS5707A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com