Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5707APHPR Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5707APHPR
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5707APHPR Datasheet(HTML) 49 Page - Texas Instruments

Back Button TAS5707APHPR Datasheet HTML 45Page - Texas Instruments TAS5707APHPR Datasheet HTML 46Page - Texas Instruments TAS5707APHPR Datasheet HTML 47Page - Texas Instruments TAS5707APHPR Datasheet HTML 48Page - Texas Instruments TAS5707APHPR Datasheet HTML 49Page - Texas Instruments TAS5707APHPR Datasheet HTML 50Page - Texas Instruments TAS5707APHPR Datasheet HTML 51Page - Texas Instruments TAS5707APHPR Datasheet HTML 52Page - Texas Instruments TAS5707APHPR Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
TAS5707, TAS5707A
www.ti.com
SLOS556B – NOVEMBER 2008 – REVISED NOVEMBER 2009
Table 23. Bank Switching Command (continued)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
EQ ON
1
–
–
–
–
–
–
–
EQ OFF (bypass BQ 0-6 of channels 1 and 2)
–
0
–
–
–
–
–
–
Reserved (2)
–
–
0
–
–
–
–
–
Ignore bank-mapping in bits D31–D8.Use default mapping. (2)
1
Use bank-mapping in bits D31–D8.
–
–
–
0
–
–
–
–
L and R can be written independently. (2)
L and R are ganged for EQ biquads; a write to Left channel BQ is
–
–
–
1
–
–
–
–
also written to Right channel BQ. (0X29-2F is ganged to 0X30-0X36).
–
–
–
–
0
–
–
–
Reserved (2)
–
–
–
–
–
0
0
0
No bank switching. All updates to DAP (2)
–
–
–
–
–
0
0
1
Configure bank 1 (32 kHz by default)
–
–
–
–
–
0
1
0
Configure bank 2 (44.1/48 kHz by default)
–
–
–
–
–
0
1
1
Configure bank 3 (other sample rates by default)
–
–
–
–
–
1
0
0
Automatic bank selection
–
–
–
–
–
1
0
1
Reserved
–
–
–
–
–
1
1
X
Reserved
(2)
Default values are in bold.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Link(s): TAS5707 TAS5707A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com