Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5707APHPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5707APHPR
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5707APHPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS5707APHPR Datasheet HTML 9Page - Texas Instruments TAS5707APHPR Datasheet HTML 10Page - Texas Instruments TAS5707APHPR Datasheet HTML 11Page - Texas Instruments TAS5707APHPR Datasheet HTML 12Page - Texas Instruments TAS5707APHPR Datasheet HTML 13Page - Texas Instruments TAS5707APHPR Datasheet HTML 14Page - Texas Instruments TAS5707APHPR Datasheet HTML 15Page - Texas Instruments TAS5707APHPR Datasheet HTML 16Page - Texas Instruments TAS5707APHPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
t
w(RESET)
RESET
t
d(I2C_ready)
SystemInitialization.
EnableviaI C.
2
T0421-01
I C Active
2
I C Active
2
f − Frequency − Hz
20
PVDD = 18 V
RL = 8 Ω
100
1k
10k
20k
G001
P = 1 W
P = 5 W
0.001
0.01
10
0.1
1
f − Frequency − Hz
20
PVDD = 12 V
RL = 8 Ω
100
1k
10k
20k
G002
P = 2.5 W
0.001
0.01
10
0.1
1
P = 0.5 W
TAS5707, TAS5707A
www.ti.com
SLOS556B – NOVEMBER 2008 – REVISED NOVEMBER 2009
RESET TIMING (RESET)
Control signal parameters over recommended operating conditions (unless otherwise noted). Please refer to Recommended
Use Model section on usage of all terminals.
PARAMETER
MIN
TYP
MAX
UNIT
tw(RESET)
Pulse duration, RESET active
100
us
td(I2C_ready)
Time to enable I2C
13.5
ms
NOTE: On power up, it is recommended that the TAS5707 RESET be held LOW for at least 100
μs after DVDD has reached
3.0 V
NOTE: If the RESET is asserted LOW while PDN is LOW, then the RESET must continue to be held LOW for at least 100
μs
after PDN is deasserted (HIGH).
Figure 5. Reset Timing
TYPICAL CHARACTERISTICS, BTL CONFIGURATION
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
FREQUENCY
Figure 6.
Figure 7.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TAS5707 TAS5707A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com