Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320 Datasheet(PDF) 35 Page - Texas Instruments

Part # TMS320
Description  TMS320 SECOND GENERATION DIGITAL SIGNAL PROCESSORS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TMS320_13 Datasheet HTML 31Page - Texas Instruments TMS320_13 Datasheet HTML 32Page - Texas Instruments TMS320_13 Datasheet HTML 33Page - Texas Instruments TMS320_13 Datasheet HTML 34Page - Texas Instruments TMS320_13 Datasheet HTML 35Page - Texas Instruments TMS320_13 Datasheet HTML 36Page - Texas Instruments TMS320_13 Datasheet HTML 37Page - Texas Instruments TMS320_13 Datasheet HTML 38Page - Texas Instruments TMS320_13 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 70 page
background image
TMS320C25 50
SPRS010B — MAY 1987 — REVISED NOVEMBER 1990
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
35
CLOCK CHARACTERISTICS AND TIMING
The TMS320C25-50 can use either its internal oscillator or an external frequency source for a clock.
internal clock option
The internal oscillator is enabled by connecting a crystal across X1 and X2, CLKIN. The frequency of CLKOUT1
is one-fourth the crystal fundamental frequency. The crystal should be in either fundamental or overtone mode,
and parallel resonant, with an effective series resistance of 30 , a power dissipation of 1 mW, and be specified
at a load capacitance of 20 pF. Note that overtone crystals require an additional tuned LC circuit.
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
fx
Input clock frequency
TA =0Cto70C
6.7
51.2
MHz
fsx
Serial port frequency
TA =0Cto70C
0
6.4
MHz
C1, C2
TA =0Cto70C
10
pF
† The serial port was tested at a minimum frequency of 1.25 MHz. However, the serial port was fully static but will properly function down to
fsx =0Hz.
X2/CLKIN
C2
C1
X1
Crystal
Figure 6. Internal Clock Option
external clock option
An external frequency source can be used by injecting the frequency directly into X2/CLK, with X1 left
unconnected. The external frequency injected must conform to specifications listed in the following table.
switching characteristics over recommended operating conditions (see Note 3)
MIN
NOM
MAX
UNIT
tc(C)
CLKOUT1, CLKOUT2 cycle time
78.13
597
ns
td(CIH-C)
CLKIN high to CLKOUT1, CLKOUT2, STRB high, low
12
27
ns
tf(C)
CLKOUT1, CLKOUT2, STRB fall time
4
ns
tr(C)
CLKOUT1, CLKOUT2, STRB rise time
4
ns
tw(CL)
CLKOUT1, CLKOUT2, STRB low pulse duration
2Q -- 7
2Q + 3
ns
tw(CH)
CLKOUT1, CLKOUT2, STRB high pulse duration
2Q -- 3
2Q + 7
ns
td(C1-C2)
CLKOUT1hightoCLKOUT2 low,
CLKOUT2 high to CLKOUT1 high, etc.
Q-- 6
Q+ 2
ns
NOTE 3: Q = 1/4 tc(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com