Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320 Datasheet(PDF) 40 Page - Texas Instruments

Part # TMS320
Description  TMS320 SECOND GENERATION DIGITAL SIGNAL PROCESSORS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TMS320_13 Datasheet HTML 36Page - Texas Instruments TMS320_13 Datasheet HTML 37Page - Texas Instruments TMS320_13 Datasheet HTML 38Page - Texas Instruments TMS320_13 Datasheet HTML 39Page - Texas Instruments TMS320_13 Datasheet HTML 40Page - Texas Instruments TMS320_13 Datasheet HTML 41Page - Texas Instruments TMS320_13 Datasheet HTML 42Page - Texas Instruments TMS320_13 Datasheet HTML 43Page - Texas Instruments TMS320_13 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 70 page
background image
PARAMETER
UNIT
PARAMETER
UNIT
PARAMETER
UNIT
PARAMETER
UNIT
TMS320C25 50
SPRS010B — MAY 1987 — REVISED NOVEMBER 1990
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
40
memory and peripheral interface timing
TMS320C25
TMS320C25-50
MIN
TYP
MAX
MIN
TYP
MAX
td(C1-S)
Q-- 6
Q
Q+6
Q-- 5
Q+ 3
ns
td(C2-S)
-- 6
0
6
-- 2
5
ns
tsu(A)
Q-- 12
Q--11
ns
th(A)
Q-- 8
Q-- 4
ns
tw(SL)
2Q
2Q -- 5
2Q + 2
ns
tw(SH)
2Q
2Q -- 2
2Q + 5
ns
tsu(D)W
2Q -- 20
2Q -- 17
ns
th(D)W
Q--10
Q
Q-- 5
ns
td(MSC)
-- 12
0
12
--1
9
ns
ta(A)
3Q -- 35
3Q -- 30
ns
tsu(D)R
23
19
ns
th(D)R
0
0
ns
td(SL-R)
Q-- 20
Q-- 21
ns
td(C2H-R)
Q-- 20
Q-- 21
ns
th(SL-R)
Q+ 3
Q-- 1
ns
th(C2H-R)
Q+ 3
Q-- 1
ns
td(M-R)
2Q -- 25
2Q -- 24
ns
th(M-R)
0
0
ns
RS,INT,BIO, and XF timing
TMS320C25
TMS320C25-50
MIN
TYP
MAX
MIN
TYP
MAX
td(IACK)
-- 6
0
12
-- 5
7
ns
td(XF)
Q-- 15
Q-- 8
ns
tsu(IN)
32
25
ns
th(IN)
0
0
ns
HOLD timing
TMS320C25
TMS320C25-50
MIN
TYP
MAX
MIN
TYP
MAX
td(C1L-AL)
0
10
1
11
ns
td(HH-AH)
25
19
ns
td(C2H-H)
Q-- 24
Q-- 19
ns
serial port timing
TMS320C25
TMS320C25-50
MIN
TYP
MAX
MIN
TYP
MAX
td(CH-DX)
75
70
ns
td(FL-DX)
40
40
ns
td(CH-FS)
40
40
ns
tsu(FS)
18
5
ns
th(FS)
20
10
ns
tsu(DR)
10
5
ns
th(DR)
20
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com