Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMS320
Description  TMS320 SECOND GENERATION DIGITAL SIGNAL PROCESSORS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMS320_13 Datasheet HTML 8Page - Texas Instruments TMS320_13 Datasheet HTML 9Page - Texas Instruments TMS320_13 Datasheet HTML 10Page - Texas Instruments TMS320_13 Datasheet HTML 11Page - Texas Instruments TMS320_13 Datasheet HTML 12Page - Texas Instruments TMS320_13 Datasheet HTML 13Page - Texas Instruments TMS320_13 Datasheet HTML 14Page - Texas Instruments TMS320_13 Datasheet HTML 15Page - Texas Instruments TMS320_13 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 70 page
background image
S
NO.
WORDS
D
DESCRIPTION
D
D
K
D
D
S
D
S
S
D
D
S
D
S
S
X
D
D
X
S
D
D
D
D
K
D
MNEMONIC
K
INSTRUCTION BIT CODE
TMS320 SECOND GENERATION
DIGITAL SIGNAL PROCESSORS
SPRS010B — MAY 1987 — REVISED NOVEMBER 1990
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
12
Table 3. TMS320C25 Instruction Set Summary
ACCUMULATOR MEMORY REFERENCE INSTRUCTIONS
15 14 13 12 11 10 9
8 7
6 5
4 3
2 1
0
ABS
Absolute value of accumulator
1
1
1
0
0
1
1
1
0 0
0 0
1 1
0 1
1
ADD
Addtoaccumulatorwithshift
1
0
00
0
I
ADDC‡
Addtoaccumulatorwithcarry
1
0
10
000
1
1
I
ADDH
Addtohighaccumulator
1
0
10
010
0
0
I
ADDK‡
Add to accumulator short immediate
1
1
10
011
0
0
ADDS
Addtolow accumulatorwithsign
extension suppressed
1
0
10
010
0
1
I
ADDT
Add to accumulator with shift specified by
T register
1
0
10
010
1
0
I
ADLK†
Add to accumulator long immediate with shift
2
1
1
0
1
0
00
0 0
01
0
AND
AND with accumulator
1
0
10
011
1
0
I
ANDK†
AND immediate with accumulator with shift
2
1
1
0
1
0
00
0 0
10
0
CMPL†
Complement accumulator
1
1
10
011
1
0 0
0 1
0 0
1 1
1
LAC
Load accumulator with shift
1
0
01
0
I
LACK
Load accumulator immediate short
1
1
10
010
1
0
LACT†
Load accumulator with shift specified by
T register
1
0
10
000
1
0
I
LALK†
Load accumulator long immediate with shift
2
1
1
0
1
0
00
0 0
00
1
NEG†
Negate accumulator
1
1
10
011
1
0 0
0 1
0 0
0 1
1
NORM†
Normalize contents of accumulator
1
1
10
011
1
0 1 X X X 0
0 1
0
OR
OR with accumulator
1
0
10
011
0
1
I
ORK†
OR immediate with accumulator with shift
2
1
1
0
1
0
00
0 0
10
1
ROL‡
Rotate accumulator left
1
1
10
011
1
0 0
0 1
1 0
1 0
0
ROR‡
Rotate accumulator right
1
1
10
011
1
0 0
0 1
1 0
1 0
1
SACH
Store high accumulator with shift
1
0
11
01
I
SACL
Store low-order accumulator with shift
1
0
11
00
I
SBLK†
Subtract from accumulator long immediate
with shift
2
1
1
0
1
0
00
0 0
01
1
SFL†
Shift accumulator left
1
1
10
011
1
0 0
0 0
1 1
0 0
0
SFR†
Shift accumulator right
1
1
10
011
1
0 0
0 0
1 1
0 0
1
SUB
Subtract from accumulator with shift
1
0
00
1
I
SUBB‡
Subtract from accumulator with borrow
1
0
10
011
1
1
I
SUBC
Conditional subtract
1
0
10
001
1
1
I
SUBH
Subtract from high accumulator
1
0
10
001
0
0
I
SUBK‡
Subtract from accumulator short immediate
1
1
10
011
0
1
SUBS
Subtract from low accumulator with sign
extension suppressed
1
0
1
0
0
0
1
0
1
I
† These instructions are not included in the TMS320C1x instruction set.
‡ These instructions are not included in the TMS32020 instruction set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com