Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320 Datasheet(PDF) 63 Page - Texas Instruments

Part # TMS320
Description  TMS320 SECOND GENERATION DIGITAL SIGNAL PROCESSORS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320 Datasheet(HTML) 63 Page - Texas Instruments

Back Button TMS320_13 Datasheet HTML 59Page - Texas Instruments TMS320_13 Datasheet HTML 60Page - Texas Instruments TMS320_13 Datasheet HTML 61Page - Texas Instruments TMS320_13 Datasheet HTML 62Page - Texas Instruments TMS320_13 Datasheet HTML 63Page - Texas Instruments TMS320_13 Datasheet HTML 64Page - Texas Instruments TMS320_13 Datasheet HTML 65Page - Texas Instruments TMS320_13 Datasheet HTML 66Page - Texas Instruments TMS320_13 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 70 page
background image
TMS320E25
SPRS010B — MAY 1987 — REVISED NOVEMBER 1990
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
63
Table 6. TMS320E25 Protect and Verify EPROM Mode Levels
SIGNAL†
TMS320E25 PIN
TMS27C64 PIN
ROM PROTECT
PROTECT VERIFY
E
22
20
VIH
VIL
G
42
22
VIH
VIL
PGM
41
27
VIH
VIH
VPP
25
1
VPP
VCC
VCC
61,35
28
VCC + 1
VCC
VSS
10, 27, 44
14
VSS
VSS
CLKIN
52
14
VSS
VSS
RS
65
14
VSS
VSS
EPT
24
26
VPP
VPP
Q8-Q1
18-11
11-13, 15-19
Q8 = PULSE
Q8 = RBIT
A12-A10
40-38
2, 23, 21,
X
X
A9-A7
37, 36, 34
24, 25, 3
X
X
A6
33
4
X
VIL
A5
32
5
X
X
A4
31
6
VIH
X
A3-A0
30-28, 26
7-10
X
X
† In accordance with TMS27C64.
LEGEND;
VIH = TTL high level; VIL = TTL low level; VCC =5V  0.25 V
VPP = 12.5 V  0.5 V; X = don’t care
PULSE = low-going TTL level pulse; RBIT = ROM protect bit.
EPROM protect
The EPROM protect facility is used to completely disable reading of the EPROM contents to guarantee security
of propietary algorithms. This facility is implemented through a unique EPROM cell called the RBIT (EPROM
protect bit) cell. Once the contents to be protected are programmed into the EPROM, the RBIT is programmed,
disabling access to the EPROM contents and disabling the microprocessor mode on the device. Once
programmed, the RBIT can be cleared only by erasing the entire EPROM array with ultraviolet light, thereby
maintaining security of the propietary algorithm. Programming the RBIT is accomplished using the EPROM
protect cycle, which consists of setting the E,G,PGM, and A4 pins high, VPP and EPT to 2.5 V  0.5 V, and
pulsing Q8 low. The complete sequence of operations involved in programming the RBIT is shown in the
flowchart of Figure 12. The required setups in the figure are detailed in Table 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com