Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBV-R050-0.5 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # PBV-R050-0.5
Description  Optically Isolated Sigma-Delta Modulator 10 MHz internal clock
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

PBV-R050-0.5 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button PBV-R050-0.5 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED PBV-R050-0.5 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED PBV-R050-0.5 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED PBV-R050-0.5 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED PBV-R050-0.5 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED PBV-R050-0.5 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED PBV-R050-0.5 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED PBV-R050-0.5 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED PBV-R050-0.5 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
Figure 13. Clock frequency vs. temperature for various VDD1.
Figure 11. IDD2 (VDD2 = 5 V) vs. VIN DC input at various temperatures.
Figure 12. IDD2 (VDD2 = 3.3V) vs. VIN DC input at various temperatures.
2.0
3.0
4.0
5.0
6.0
7.0
8.0
-400 -300 -200 -100
0
100
200
300
400
VIN (mV)
25° C
-40° C
105° C
VDD2 = 5 V
2.0
3.0
4.0
5.0
6.0
7.0
8.0
-400 -300 -200 -100
0
100
200
300
400
25°C
-40°C
105°C
VIN (mV)
9.5
9.6
9.7
9.8
9.9
10.0
10.1
10.2
10.3
10.4
10.5
-55
-35
-15
5
25
45
65
85
105 125
4.5V
5V
5.5V
Temperature (°C)
VDD2 = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com