Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBV-R050-0.5 Datasheet(PDF) 17 Page - AVAGO TECHNOLOGIES LIMITED

Part # PBV-R050-0.5
Description  Optically Isolated Sigma-Delta Modulator 10 MHz internal clock
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

PBV-R050-0.5 Datasheet(HTML) 17 Page - AVAGO TECHNOLOGIES LIMITED

Back Button PBV-R050-0.5 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED PBV-R050-0.5 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED PBV-R050-0.5 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED PBV-R050-0.5 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED PBV-R050-0.5 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED PBV-R050-0.5 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED PBV-R050-0.5 Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED PBV-R050-0.5 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED PBV-R050-0.5 Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
17
Shunt Connections
The recommended method for connecting the isolated
modulator to the shunt resistor is shown in Figure 19. VIN+
of the ACPL-7970 is connected to the positive terminal of
the shunt resistor, while VIN– is shorted to GND1, with the
power-supply return path functioning as the sense line to
the negative terminal of the current shunt. This allows a
singlepairofwiresorPCboardtracestoconnecttheisolated
modulator circuit to the shunt resistor. By referencing the
input circuit to the negative side of the sense resistor, any
load current induced noise transients on the shunt are
seen as a common-mode signal and will not interfere with
the current-sense signal. This is important because the
large load currents flowing through the motor drive, along
with the parasitic inductances inherent in the wiring of the
circuit, can generate both noise spikes and offsets that are
relatively large compared to the small voltages that are
being measured across the current shunt.
If the same power supply is used both for the gate drive
circuit and for the current sensing circuit, it is very important
that the connection from GND1 of the isolated modulator
to the sense resistor be the only return path for supply
current to the gate drive power supply in order to eliminate
potential ground loop problems. The only direct connec-
tion between the isolated modulator circuit and the gate
drive circuit should be the positive power supply line.
In some applications, however, supply currents flowing
through the power-supply return path may cause offset
or noise problems. In this case, better performance may
be obtained by connecting VIN+ and VIN– directly across
the shunt resistor with two conductors, and connecting
GND1 to the shunt resistor with a third conductor for the
power-supply return path, as shown in Figure 21. When
connected this way, both input pins should be bypassed.
To minimize electromagnetic interference of the sense
signal, all of the conductors (whether two or three are
used) connecting the isolated modulator to the sense
resistor should be either twisted pair wire or closely
spaced traces on a PC board.
The resistor R2 in series with the input lead forms a low
pass anti-aliasing filter with the input bypass capacitor
C2. The resistor performs another important function
as well; it dampens any ringing which might be present
in the circuit formed by the shunt, the input bypass
capacitor, and the inductance of wires or traces connect-
ing the two. Undamped ringing of the input circuit near
the input sampling frequency can alias into the baseband
producing what might appear to be noise at the output
of the device.
Figure 21. Schematic for three conductor shunt connection.
ACPL-7970
FLOATING
POSITIVE SUPPLY
RSENSE
VIN+
VIN–
VDD1
GND1
MCLK
MDAT
VDD2
GND2
NON-
ISOLATED
5 V/3.3 V
ISOLATION
BARRIER
GATE
DRIVE
CIRCUIT
HV+
HV –
C1b 0.1
µF
D1
5.1 V
C2a
20 nF
MOTOR
R2a 22
R1
R2b 22
+
GND2
C1a 1
µF
C3b
1
µF
C3a
0.1
µF
C2b
20 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com