Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBV-R050-0.5 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # PBV-R050-0.5
Description  Optically Isolated Sigma-Delta Modulator 10 MHz internal clock
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

PBV-R050-0.5 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  PBV-R050-0.5 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED PBV-R050-0.5 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED PBV-R050-0.5 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED PBV-R050-0.5 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED PBV-R050-0.5 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED PBV-R050-0.5 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED PBV-R050-0.5 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED PBV-R050-0.5 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED PBV-R050-0.5 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
Package Outline Drawings
Standard DIP Package
1.78 (0.070) MAX.
1.19 (0.047) MAX.
A 7970
YYWW
DATE CODE
0.51 (0.020) MIN.
0.65 (0.025) MAX.
4.70 (0.185) MAX.
2.92 (0.115) MIN.
Dimensions in millimeters and (inches).
Note:
Floating lead protrusion is 0.5 mm (20 mils) max.
5
6
7
8
4
3
2
1
5˚ TYP.
0.20 (0.008)
0.33 (0.013)
6.35 ± 0.25
(0.250 ± 0.010)
7.62 ± 0.25
(0.300 ± 0.010)
9.80 ± 0.25
(0.386 ± 0.010)
3.56 ± 0.13
(0.140 ± 0.005)
1.080 ± 0.320
(0.043 ± 0.013)
2.54 ± 0.25
(0.100 ± 0.010)
Note: Initial or continued variation in the color of the white mold compound is normal and does not affect device performance or reliability.
Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com