Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBV-R050-0.5 Datasheet(PDF) 14 Page - AVAGO TECHNOLOGIES LIMITED

Part # PBV-R050-0.5
Description  Optically Isolated Sigma-Delta Modulator 10 MHz internal clock
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

PBV-R050-0.5 Datasheet(HTML) 14 Page - AVAGO TECHNOLOGIES LIMITED

Back Button PBV-R050-0.5 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED PBV-R050-0.5 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED PBV-R050-0.5 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED PBV-R050-0.5 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED PBV-R050-0.5 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED PBV-R050-0.5 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED PBV-R050-0.5 Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED PBV-R050-0.5 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED PBV-R050-0.5 Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
Figure 18. Typical application circuit with the HCPL-0872.
ACPL-7970
3-WIRE
SERIAL
INTERFACE
INPUT
CURRENT
RSHUNT
VIN+
VIN–
VDD1
GND1
ISOLATED
5 V
0.1
µF
MCLK
MDAT
VDD2
GND2
NON-
ISOLATED
5 V
1
µF
HCPL-0872
MCLK1
MDAT1
GND
VDD
SCLK
SDAT
CS
ISOLATION
BARRIER
GND1
GND2
1
µF
0.1
µF
Digital Interface IC
The HCPL-0872 Digital Interface IC (SO-16 package) is a
digital filter that converts the single-bit data stream from
the modulator into 15-bit output words and provides a
serial output interface that is compatible with SPI, QSPI,
and Microwireprotocols, allowing direct connection to a
microcontroller. Instead of a digital filter implemented in
software, the HCPL-0872 can be used together with the
ACPL-7970 to form an isolated programmable two-chip
A/D converter.
Available in an SO-16 surface-mount package, the Digital
Interface IC has features include five different conversion
modes (combinations of speed and resolution), three
differentpre-triggermodes(allowsconversiontime<1
ms),
offset calibration, fast over-range (over-current, or short
circuits) detection, and adjustable threshold detection.
Figure 19. Typical application circuit for motor phase current sensing.
Programmable features are configured via the Serial Con-
figuration port. A second multiplexed input is available to
allow measurements with a second isolated modulator
without additional hardware. Refer to the HCPL-0872 data
sheet for details.
Notes:
SPI and QSPI are trademarks of Motorola Corp.
Microwire is a trademark of National Semiconductor Inc.
Application Information
Digital Current Sensing Circuit
Figure 19 shows a typical application circuit for motor
control phase current sensing. By choosing the appro-
priate shunt resistance, a wide range of current can be
monitored, from less than 1 A to more than 100 A.
ACPL-7970
FLOATING
POSITIVE SUPPLY
RSENSE
VIN+
VIN–
VDD1
GND1
MCLK
MDAT
VDD2
GND2
NON-
ISOLATED
5 V/3.3 V
ISOLATION
BARRIER
GATE
DRIVE
CIRCUIT
HV+
HV–
C1b
0.1
µF
D1
5.1 V
C2
10 nF
MOTOR
R2a
22
R1
R2b
22
+
GND2
C1a
1
µF
C3b
1
µF
C3a
0.1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com