Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-BD06-RSTXX Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-BD06-RSTXX
Description  5mm mini Oval Precision Optical Performance AlInGaP Lamps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-BD06-RSTXX Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-BD06-RSTXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-RSTXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-RSTXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-RSTXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-RSTXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-RSTXX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-RSTXX Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-RSTXX Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-RSTXX Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Precautions:
Lead Forming:
• TheleadsofanLEDlampmaybepreformedorcutto
lengthpriortoinsertionandsolderingonPCboard.
• For better control, it is recommended to use proper
tooltopreciselyformandcuttheleadstoapplicable
lengthratherthandoingitmanually.
• Ifmanualleadcuttingisnecessary,cuttheleadsafter
thesolderingprocess.Thesolderconnectionformsa
mechanicalgroundwhichpreventsmechanicalstress
duetoleadcuttingfromtravelingintoLEDpackage.
Thisishighlyrecommendedforhandsolderoperation,
astheexcessleadlengthalsoactsassmallheatsink.
Soldering and Handling:
• CaremustbetakenduringPCBassemblyandsoldering
processtopreventdamagetotheLEDcomponent.
• LED component may be effectively hand soldered
to PCB. However, it is only recommended under
unavoidablecircumstancessuchasrework.Theclosest
manualsolderingdistanceofthesolderingheatsource
(solderingiron’stip)tothebodyis1.59mm.Soldering
the LED using soldering iron tip closer than 1.59mm
mightdamagetheLED.
Note:
1. PCB with different size and design (component density) will have
different heat mass (heat capacity). This might cause a change in
temperature experienced by the board if same wave soldering
settingisused.So,itisrecommendedtore-calibratethesoldering
profileagainbeforeloadinganewtypeofPCB.
2. AvagoTechnologies’highbrightnessLEDareusinghighefficiency
LEDdiewithsinglewirebondasshownbelow.Customerisadvised
to take extra precaution during wave soldering to ensure that the
maximumwavetemperaturedoesnotexceed250°Candthesolder
contacttimedoesnotexceeding3sec.Over-stressingtheLEDduring
solderingprocessmightcauseprematurefailuretotheLEDdueto
delamination.
Avago Technologies LED configuration
1.59mm
• ESD precaution must be properly applied on the
soldering station and personnel to prevent ESD
damage to the LED component that is ESD sensitive.
DorefertoAvagoapplicationnoteAN1142fordetails.
Thesolderingironusedshouldhavegroundedtipto
ensureelectrostaticchargeisproperlygrounded.
• Recommendedsolderingcondition:
Wave
Soldering [1, 2]
Manual Solder
Dipping
Pre-heattemperature
105°CMax.
-
Preheattime
60secMax
-
Peaktemperature
250°CMax.
260°CMax.
Dwelltime
3secMax.
5secMax
Note:
1) Above conditions refers to measurement with thermocouple
mountedatthebottomofPCB.
2) Itisrecommendedtouseonlybottompreheatersinordertoreduce
thermalstressexperiencedbyLED.
• Wavesolderingparametersmustbesetandmaintained
accordingtotherecommendedtemperatureanddwell
time.Customerisadvisedtoperformdailycheckonthe
solderingprofiletoensurethatitisalwaysconforming
torecommendedsolderingconditions.
Note:ElectricalconnectionbetweenbottomsurfaceofLEDdieand
theleadframeisachievedthroughconductivepaste.
• Any alignment fixture that is being applied during
wave soldering should be loosely fitted and should
notapplyweightorforceonLED.Nonmetalmaterial
isrecommendedasitwillabsorblessheatduringwave
solderingprocess.
• At elevated temperature, LED is more susceptible to
mechanicalstress.Therefore,PCBmustallowedtocool
down to room temperature prior to handling, which
includesremovalofalignmentfixtureorpallet.
• IfPCBboardcontainsboththroughhole(TH)LEDand
othersurfacemountcomponents,itisrecommended
that surface mount components be soldered on the
topsideofthePCB.Ifsurfacemountneedtobeonthe
bottom side, these components should be soldered
usingreflowsolderingpriortoinsertiontheTHLED.
• Recommended PC board plated through holes (PTH)
sizeforLEDcomponentleads.
LED component
lead size
Diagonal
Plated through
hole diameter
0.45x0.45mm
(0.018x0.018inch)
0.636mm
(0.025inch)
0.98to1.08mm
(0.039to0.043inch)
0.50x0.50mm
(0.020x0.020inch)
0.707mm
(0.028inch)
1.05to1.15mm
(0.041to0.045inch)
• Over-sizing the PTH can lead to twisted LED after
clinching.OntheotherhandundersizingthePTHcan
causedifficultyinsertingtheTHLED.
AllnGaP Device
CATHODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com