Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-BD06-RSTXX Datasheet(PDF) 12 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-BD06-RSTXX
Description  5mm mini Oval Precision Optical Performance AlInGaP Lamps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-BD06-RSTXX Datasheet(HTML) 12 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-BD06-RSTXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-RSTXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-RSTXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-RSTXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-RSTXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-RSTXX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-RSTXX Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-RSTXX Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-RSTXX Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2008 Avago Technologies. All rights reserved. Obsoletes 5989-1903EN
AV02-1542EN - September 16, 2008
DISCLAIMER: AVAGO’S PRODUCTS AND SOFTWARE ARE NOT SPECIFICALLY DESIGNED, MANUFACTURED OR AUTHORIZED FOR
SALE AS PARTS, COMPONENTS OR ASSEMBLIES FOR THE PLANNING, CONSTRUCTION, MAINTENANCE OR DIRECT OPERATION OF
A NUCLEAR FACILITY OR FOR USE IN MEDICAL DEVICES OR APPLICATIONS. CUSTOMER IS SOLELY RESPONSIBLE, AND WAIVES ALL
RIGHTS TO MAKE CLAIMS AGAINST AVAGO OR ITS SUPPLIERS, FOR ALL LOSS, DAMAGE, EXPENSE OR LIABILITY IN CONNECTION WITH
Acronyms and Definition:
BIN:
(i) ColorbinonlyorVFbinonly
(Applicable for part number with color bins but
withoutVFbinORpartnumberwithVFbinsandno
colorbin)
OR
(ii)ColorbinincorporatedwithVFBin
(Applicableforpartnumberthathavebothcolorbin
andVFbin)
(ii)AvagoBabyLabel(Onlyavailableonbulkpackaging)
Example:
(i) ColorbinonlyorVFbinonly
BIN:2(representcolorbin2only)
BIN:VB(representVFbin“VB”only)
(ii)ColorbinincorporatewithVFBin
BIN:2VB
VB:VFbin“VB”
2:Colorbin2only
(1P) Item: Part Number
(1T) Lot: Lot Number
LPN:
(9D)MFG Date: Manufacturing Date
(P) Customer Item:
(V) Vendor ID:
DeptID:
Made In: Country of Origin
(Q) QTY: Quantity
CAT: Intensity Bin
BIN: Refer to below information
(9D) Date Code: Date Code
STANDARD LABEL LS0002
RoHS Compliant
e3
max temp 250C
(1P) PART #: Part Number
(1T) LOT #: Lot Number
(9D)MFG DATE: Manufacturing Date
C/O: Country of Origin
Customer P/N:
Supplier Code:
QUANTITY: Packing Quantity
CAT: Intensity Bin
BIN: Refer to below information
DATECODE: Date Code
RoHS Compliant
e3
max temp 250C
Lamps Baby Label



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com