Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-BD06-RSTXX Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-BD06-RSTXX
Description  5mm mini Oval Precision Optical Performance AlInGaP Lamps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-BD06-RSTXX Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-BD06-RSTXX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-RSTXX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-RSTXX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-RSTXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-RSTXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-RSTXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-RSTXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-RSTXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-RSTXX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HLMP-ADxx/AGxx/ALxx/BDxx/BGxx/BLxx
5mm mini Oval Precision Optical Performance
AlInGaP Lamps
Data Sheet
Features
• Welldefinedspatialradiationpattern
• Viewingangles:
Majoraxis70°
Minoraxis35°
• Highluminousoutput
• RedandAmberintensityareavailablefor:
AlInGaP(Bright)
AlInGaPII(Brightest)
• Colors:
626nmred
630nmred
590nmamber
592nmamber
• Superiorresistancetomoisture
• UVresistantepoxy
Applications
• Fullcolor/videosigns
Description
ThesePrecisionOpticalPerformanceOvalLEDsarespe-
cificallydesignedforfullcolor/videoandpassengerinfor-
mationsigns.Theovalshapedradiationpattern(35°x70°)
and high luminous intensity ensure that these devices
are excellent for wide field of view outdoor application
where a wide viewing angle and readability in sunlight
are essential. These lamps have very smooth, matched
radiationpatternsensuringconsistentcolormixinginfull
colorapplications,messageuniformityacrosstheviewing
angleofthesign.
High efficiency LED material is used in these lamps:
AluminumIndiumGalliumPhosphide(AlInGaP)foramber
andred.Eachlampismadewithanadvanceopticalgrade
epoxy offering superior high temperature and high
moistureresistanceinoutdoorapplications.Thepackage
epoxycontainsbothUV-AandUV-Binhibitorstoreduce
theeffectsoflongtermexposuretodirectsunlight.
Designerscanselectparallelorperpendicularorientation.
Bothlampsareavailableintintedversion.
Benefits
• Viewing angle designed for wide field of view
application
• Superiorperformanceinoutdoorenvironments


Similar Part No. - HLMP-BD06-RSTXX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-BD06-RST AVAGO-HLMP-BD06-RST Datasheet
379Kb / 12P
5mm mini Oval Precision Optical Performance AlInGaP Lamps
More results

Similar Description - HLMP-BD06-RSTXX

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-ED16-WZ0DD AVAGO-HLMP-ED16-WZ0DD Datasheet
342Kb / 13P
Precision Optical Performance AlInGaP II LED Lamps
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
Precision Optical Performance AlInGaP II LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com