Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-BD06-RSTXX Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-BD06-RSTXX
Description  5mm mini Oval Precision Optical Performance AlInGaP Lamps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-BD06-RSTXX Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-BD06-RSTXX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-RSTXX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-RSTXX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-RSTXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-RSTXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-RSTXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-RSTXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-RSTXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-RSTXX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Table 1. Device Selection Guide for AlInGaP II
Part Number
Color and Dominant
Wavelength
ld (nm) Typ.
Luminous
Intensity
Iv (mcd)
at 20 mA Min.
Luminous
Intensity
Iv (mcd)
at 20 mA Max.
Stand-Off
Leadframe
Orientation
Package
Drawing
HLMP-AD06-NSTxx
Red630
680
2500
No
Parallel
A
HLMP-AD06-P00xx
Red630
880
No
Parallel
A
HLMP-AD06-P0Txx
Red630
880
No
Parallel
A
HLMP-AD06-PQ0xx
Red630
880
1500
No
Parallel
A
HLMP-AD06-RSTxx
Red630
1500
2500
No
Parallel
A
HLMP-AD06-STTxx
Red630
1900
3200
No
Parallel
A
HLMP-AD16-P00xx
Red630
880
Yes
Parallel
B
HLMP-AD16-QTTxx
Red630
1150
3200
Yes
Parallel
B
HLMP-AD16-RS0xx
Red630
1500
2500
Yes
Parallel
B
HLMP-AD16-RSTxx
Red630
1500
2500
Yes
Parallel
B
HLMP-AD16-RUTxx
Red630
1500
4200
Yes
Parallel
B
HLMP-AD16-ST0xx
Red630
1900
3200
Yes
Parallel
B
HLMP-AD16-STTxx
Red630
1900
3200
Yes
Parallel
B
HLMP-AL16-RSRxx
Amber592
1500
2500
Yes
Parallel
B
HLMP-AL16-RSKxx
Amber592
1500
2500
Yes
Parallel
B
HLMP-BD06-L00xx
Red630
400
No
Perpendicular
C
HLMP-BD06-P00xx
Red630
880
No
Perpendicular
C
HLMP-BD06-RS0xx
Red630
1500
2500
No
Perpendicular
C
HLMP-BD06-RSTxx
Red630
1500
2500
No
Perpendicular
C
HLMP-BD06-STTxx
Red630
1900
3200
No
Perpendicular
C
HLMP-BD16-NP0xx
Red630
680
1150
Yes
Perpendicular
D
HLMP-BD16-QRTxx
Red630
1150
1900
Yes
Perpendicular
D
HLMP-BD16-RU0xx
Red630
1500
4200
Yes
Perpendicular
D
HLMP-BD16-RUTxx
Red630
1500
4200
Yes
Perpendicular
D
HLMP-BD16-ST0xx
Red630
1900
3200
Yes
Perpendicular
D
HLMP-BD16-STTxx
Red630
1900
3200
Yes
Perpendicular
D
HLMP-BL06-N00xx
Amber592
680
No
Perpendicular
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com