Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F050G4 Datasheet(PDF) 65 Page - STMicroelectronics

Part # STM32F050G4
Description  Low- and medium-density advanced ARM-based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F050G4 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STM32F050G4 Datasheet HTML 61Page - STMicroelectronics STM32F050G4 Datasheet HTML 62Page - STMicroelectronics STM32F050G4 Datasheet HTML 63Page - STMicroelectronics STM32F050G4 Datasheet HTML 64Page - STMicroelectronics STM32F050G4 Datasheet HTML 65Page - STMicroelectronics STM32F050G4 Datasheet HTML 66Page - STMicroelectronics STM32F050G4 Datasheet HTML 67Page - STMicroelectronics STM32F050G4 Datasheet HTML 68Page - STMicroelectronics STM32F050G4 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 97 page
background image
STM32F050xx
Electrical characteristics
Doc ID 023683 Rev 1
65/97
6.3.13
I/O port characteristics
General input/output characteristics
Unless otherwise specified, the parameters given in Table 45 are derived from tests
performed under the conditions summarized in Table 15: General operating conditions. All
I/Os are CMOS and TTL compliant.
Table 45.
I/O static characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Low level input
voltage
TC and TTa I/O
-
-
0.3 VDD+0.07
(1)
V
FT and FTf I/O
-
-
0.475 VDD–0.2
(1)
BOOT0
-
-
0.3 VDD–0.3
(1)
All I/Os except BOOT0 pin
-
-
0.3 VDD
VIH
High level input
voltage
TC and TTa I/O
0.445 VDD+0.398
(1)
--
V
FT and FTf I/O
0.5 VDD+0.2
(1)
--
BOOT0
0.2 VDD+0.95
(1)
--
All I/Os except BOOT0 pin
0.7 VDD
--
Vhys
Schmitt trigger
hysteresis
TC and TTa I/O
-
200(1)
-
mV
FT and FTf I/O
-
100(1)
-
BOOT0
-
300(1)
-
Ilkg
Input leakage
current (2)
VSS ≤VIN ≤VDD
I/O TC, FT and FTf
--
±0.1
µA
VSS ≤VIN ≤VDD
2 V
≤VDD ≤VDDA ≤3.6 V
I/O TTa used in digital
mode
--
±0.1
VIN= 5 V
I/O FT and FTf
--
10
VIN= 3.6 V,
2 V
≤VDD ≤VIN
VDDA = 3.6 V
I/O TTa used in digital
mode
--
1
VSS ≤VIN ≤VDDA
2 V
≤VDD ≤VDDA ≤3.6 V
I/O TTa used in analog
mode
--
±0.2
RPU
Weak pull-up
equivalent
resistor(3)
VIN = VSS
25
40
55
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com