Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F050G4 Datasheet(PDF) 48 Page - STMicroelectronics

Part # STM32F050G4
Description  Low- and medium-density advanced ARM-based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F050G4 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STM32F050G4 Datasheet HTML 44Page - STMicroelectronics STM32F050G4 Datasheet HTML 45Page - STMicroelectronics STM32F050G4 Datasheet HTML 46Page - STMicroelectronics STM32F050G4 Datasheet HTML 47Page - STMicroelectronics STM32F050G4 Datasheet HTML 48Page - STMicroelectronics STM32F050G4 Datasheet HTML 49Page - STMicroelectronics STM32F050G4 Datasheet HTML 50Page - STMicroelectronics STM32F050G4 Datasheet HTML 51Page - STMicroelectronics STM32F050G4 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 97 page
background image
Electrical characteristics
STM32F050xx
48/97
Doc ID 023683 Rev 1
Table 26.
Typical current consumption in Sleep mode, code running from Flash or
RAM
Symbol
Parameter
Conditions
fHCLK
Typ
Unit
Peripherals
enabled
Peripherals
disabled
IDD
Supply current in
Sleep mode from VDD
supply
Running from
HSE crystal
clock 8 MHz,
code executing
from Flash or
RAM
48 MHz
10.7
2.4
mA
36 MHz
8.1
1.8
32 MHz
7.1
1.6
24 MHz
5.5
1.3
16 MHz
3.7
0.9
8 MHz
1.9
0.5
4 MHz
1.5
0.4
2 MHz
1.1
0.3
1 MHz
0.8
0.3
500 kHz
0.6
0.3
125 kHz
0.5
0.3
IDDA
Supply current in
Sleep mode from
VDDA supply
48 MHz
140
140
µA
36 MHz
109
109
32 MHz
96
96
24 MHz
76
76
16 MHz
51
51
8 MHz
1.7
1.7
4 MHz
1.6
1.6
2 MHz
1.5
1.5
1 MHz
1.1
1.1
500 kHz
1.1
1.1
125 kHz
1.1
1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com