Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F050G4 Datasheet(PDF) 45 Page - STMicroelectronics

Part # STM32F050G4
Description  Low- and medium-density advanced ARM-based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F050G4 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STM32F050G4 Datasheet HTML 41Page - STMicroelectronics STM32F050G4 Datasheet HTML 42Page - STMicroelectronics STM32F050G4 Datasheet HTML 43Page - STMicroelectronics STM32F050G4 Datasheet HTML 44Page - STMicroelectronics STM32F050G4 Datasheet HTML 45Page - STMicroelectronics STM32F050G4 Datasheet HTML 46Page - STMicroelectronics STM32F050G4 Datasheet HTML 47Page - STMicroelectronics STM32F050G4 Datasheet HTML 48Page - STMicroelectronics STM32F050G4 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 97 page
background image
STM32F050xx
Electrical characteristics
Doc ID 023683 Rev 1
45/97
upply current
Table 22.
Typical and maximum VDD consumption in Stop and Standby modes
Symbol Parameter
Conditions
Typ @VDD (VDD = VDDA)Max
(1)
Unit
2.0 V 2.4 V 2.7 V 3.0 V 3.3 V 3.6 V
TA =
25 °C
TA =
85 °C
TA =
105 °C
IDD
Supply
current in
Stop mode
Regulator in run mode,
all oscillators OFF
15
15.1 15.25 15.45 15.7
16
18(2)
38
55(2)
µA
Regulator in low-power
mode, all oscillators
OFF
3.15
3.25
3.35
3.45
3.7
4
5.5(2)
22
41(2)
Supply
current in
Standby
mode
LSI ON and IWDG ON
0.8
0.95
1.05
1.2
1.35
1.5
-
-
-
LSI OFF and IWDG
OFF
0.65
0.75
0.85
0.95
1.1
1.3
2(2)
2.5
3(2)
1.
Data based on characterization results, not tested in production unless otherwise specified.
2.
Data based on characterization results and tested in production.
Table 23.
Typical and maximum VDDA consumption in Stop and Standby modes
Symbol Parameter
Conditions
Typ @VDD (VDD = VDDA)Max
(1)
Unit
2.0 V 2.4 V 2.7 V 3.0 V 3.3 V 3.6 V
TA =
25 °C
TA =
85 °C
TA =
105 °C
IDDA
Supply
current in
Stop mode
Regulator in run mode,
all oscillators OFF
1.85
2
2.15
2.3
2.45
2.6
3.5
3.5
4.5
µA
Regulator in low-power
mode, all oscillators
OFF
1.85
2
2.15
2.3
2.45
2.6
3.5
3.5
4.5
Supply
current in
Standby
mode
LSI ON and IWDG ON
2.25
2.5
2.65 2.85 3.05
3.3
-
-
-
LSI OFF and IWDG
OFF
1.75
1.9
2
2.15
2.3
2.5
3.5
3.5
4.5
Supply
current in
Stop mode
Regulator in run mode,
all oscillators OFF
1.11 1.15 1.18 1.22 1.27 1.35
-
-
-
Regulator in low-power
mode, all oscillators
OFF
1.11 1.15 1.18 1.22 1.27 1.35
-
-
-
Supply
current in
Standby
mode
LSI ON and IWDG ON
1.5
1.58 1.65 1.78 1.91 2.04
-
-
-
LSI OFF and IWDG
OFF
1
1.02 1.05 1.05 1.15 1.22
-
-
-
1.
Data based on characterization results, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com