Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F050G4 Datasheet(PDF) 43 Page - STMicroelectronics

Part # STM32F050G4
Description  Low- and medium-density advanced ARM-based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F050G4 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STM32F050G4 Datasheet HTML 39Page - STMicroelectronics STM32F050G4 Datasheet HTML 40Page - STMicroelectronics STM32F050G4 Datasheet HTML 41Page - STMicroelectronics STM32F050G4 Datasheet HTML 42Page - STMicroelectronics STM32F050G4 Datasheet HTML 43Page - STMicroelectronics STM32F050G4 Datasheet HTML 44Page - STMicroelectronics STM32F050G4 Datasheet HTML 45Page - STMicroelectronics STM32F050G4 Datasheet HTML 46Page - STMicroelectronics STM32F050G4 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 97 page
background image
STM32F050xx
Electrical characteristics
Doc ID 023683 Rev 1
43/97
Table 20.
Typical and maximum current consumption from VDD supply at VDD = 3.6
Symbol
Parameter
Conditions
fHCLK
All peripherals enabled
All peripherals disabled
Unit
Typ
Max @ TA(1)
Typ
Max @ TA(1)
25 °C 85 °C 105 °C
25 °C 85 °C 105 °C
IDD
Supply
current in
Run mode,
executing
from Flash
External
clock (HSE
bypass)
48 MHz
18.4
20.0
20.1
20.4
11.4
12.5
12.5
12.6
mA
32 MHz
12.4
13.2
13.2
13.8
7.9
8.3
8.5
8.6
24 MHz
9.9
10.7
10.7
11.0
6.2
6.8
7.0
7.0
8 MHz
3.3
3.6
3.8
3.9
2.2
2.6
2.6
2.6
1 MHz
0.8
1.1
1.1
1.1
0.7
0.9
0.9
0.9
Internal
clock (HSI)
48 MHz
18.9
20.9
21.1
21.5
11.7
12.3
12.9
13.1
32 MHz
12.8
13.7
14.2
14.8
8.0
8.7
9.1
9.1
24 MHz
9.7
10.4
11.2
11.3
6.1
6.5
6.7
6.9
8 MHz
3.5
4.0
4.0
4.1
2.4
2.6
2.7
2.7
Supply
current in
Run mode,
executing
from RAM
External
clock (HSE
bypass)
48 MHz
17.3
19.7
19.8
20.0
10.3
11.2
11.3
11.7
32 MHz
11.2
12.5
12.7
12.7
6.7
7.3
7.6
7.6
24 MHz
8.9
10.0
10.1
10.2
5.1
5.5
5.8
5.9
8 MHz
2.8
3.1
3.3
3.4
1.7
2.0
2.1
2.1
1 MHz
0.3
0.6
0.6
1.3
0.2
0.5
0.8
0.8
Internal
clock (HSI)
48 MHz
17.4
19.7
20.0
20.2
10.4
11.2
11.3
11.8
32 MHz
11.8
12.8
13.1
13.3
6.8
7.4
7.7
7.9
24 MHz
9.0
10.0
10.1
10.2
5.2
5.7
6.0
6.0
8 MHz
3.0
3.2
3.5
3.6
1.8
2.0
2.2
2.2
Supply
current in
Sleep
mode,
executing
from Flash
or RAM
External
clock (HSE
bypass)
48 MHz
10.7
11.7
11.9
12.5
2.4
2.6
2.7
2.9
32 MHz
7.1
7.8
8.1
8.2
1.6
1.7
1.9
1.9
24 MHz
5.5
6.3
6.4
6.4
1.3
1.4
1.5
1.5
8 MHz
1.8
2.0
2.0
2.1
0.4
0.4
0.5
0.5
1 MHz
0.2
0.5
0.5
0.5
0.1
0.1
0.1
0.1
Internal
clock (HSI)
48 MHz
10.8
11.9
12.1
12.6
2.4
2.7
2.7
2.9
32 MHz
7.3
8.0
8.4
8.5
1.7
1.9
1.9
2.0
24 MHz
5.5
6.2
6.5
6.5
1.3
1.5
1.5
1.6
8 MHz
1.9
2.2
2.3
2.4
0.5
0.5
0.5
0.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com