Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX561AILT Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSX561AILT
Description  Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX561AILT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSX561AILT Datasheet HTML 2Page - STMicroelectronics TSX561AILT Datasheet HTML 3Page - STMicroelectronics TSX561AILT Datasheet HTML 4Page - STMicroelectronics TSX561AILT Datasheet HTML 5Page - STMicroelectronics TSX561AILT Datasheet HTML 6Page - STMicroelectronics TSX561AILT Datasheet HTML 7Page - STMicroelectronics TSX561AILT Datasheet HTML 8Page - STMicroelectronics TSX561AILT Datasheet HTML 9Page - STMicroelectronics TSX561AILT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Electrical characteristics
TSX56x, TSX56xA
6/27
DocID023274 Rev 3
AC performance
GBP
Gain bandwidth product
RL = 10 kΩ, CL = 100 pF
600
800
kHz
Fu
Unity gain frequency
690
Φm
Phase margin
55
Degree
Gm
Gain margin
9
dB
SR
Slew rate
RL = 10 kΩ, CL = 100 pF,
Vout = 0.5 V to VCC - 0.5 V
1V/
μs
∫ en
Low-frequency peak-to-peak
input noise
Bandwidth: f = 0.1 to 10 Hz
16
µVpp
en
Equivalent input noise voltage
density
f = 1 kHz
f = 10 kHz
55
29
THD+N Total harmonic distortion + noise
Follower configuration,
fin = 1 kHz,
RL = 100 kΩ,
Vicm = (VCC -1.5 V)/2,
BW = 22 kHz, Vout = 1 Vpp
0.004
%
1. See Section 4.3: Input offset voltage drift over temperature on page 15.
2. Guaranteed by design.
Table 4. Electrical characteristics at VCC+ = +3.3 V with VCC- = 0 V, Vicm = VCC/2, Tamb = 25 °C, and
RL=10 kΩ connected to VCC/2 (unless otherwise specified) (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com