Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX561AILT Datasheet(PDF) 25 Page - STMicroelectronics

Part # TSX561AILT
Description  Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX561AILT Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TSX561AILT Datasheet HTML 19Page - STMicroelectronics TSX561AILT Datasheet HTML 20Page - STMicroelectronics TSX561AILT Datasheet HTML 21Page - STMicroelectronics TSX561AILT Datasheet HTML 22Page - STMicroelectronics TSX561AILT Datasheet HTML 23Page - STMicroelectronics TSX561AILT Datasheet HTML 24Page - STMicroelectronics TSX561AILT Datasheet HTML 25Page - STMicroelectronics TSX561AILT Datasheet HTML 26Page - STMicroelectronics TSX561AILT Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
DocID023274 Rev 3
25/27
TSX56x, TSX56xA
Ordering information
6
Ordering information
Table 12. Order codes
Order code
Temperature range
Channel
number
Package
Packaging
Marking
TSX561ILT
-40 to 125 °C
1SOT23-5
Tape and reel
K23
TSX562IQ2T
2
DFN8 2 x 2
TSX562IST
2
MiniSO8
TSX564IQ4T
4
QFN16 3 x 3
TSX564IPT
4
TSSOP14
TSX564I
TSX561IYLT
-40 to 125 °C
automotive grade(1)
1SOT23-5
K116
TSX562IYST
2
MiniSO8
TSX564IYPT
4
TSSOP14
TSX564IY
TSX561AILT
-40 to 125 °C
1SOT23-5
K117
TSX562AIST
2
MiniSO8
TSX564AIPT
4
TSSOP14
TSX564AI
TSX561AIYLT
-40 to 125 °C
automotive grade(1)
1SOT23-5
K118
TSX562AIYST
2
MiniSO8
TSX564AIYPT
4
TSSOP14
TSX564AIY
1. Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC
Q001 and Q 002 or equivalent are ongoing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com