Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX561AILT Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSX561AILT
Description  Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX561AILT Datasheet(HTML) 4 Page - STMicroelectronics

  TSX561AILT Datasheet HTML 1Page - STMicroelectronics TSX561AILT Datasheet HTML 2Page - STMicroelectronics TSX561AILT Datasheet HTML 3Page - STMicroelectronics TSX561AILT Datasheet HTML 4Page - STMicroelectronics TSX561AILT Datasheet HTML 5Page - STMicroelectronics TSX561AILT Datasheet HTML 6Page - STMicroelectronics TSX561AILT Datasheet HTML 7Page - STMicroelectronics TSX561AILT Datasheet HTML 8Page - STMicroelectronics TSX561AILT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Absolute maximum ratings and operating conditions
TSX56x, TSX56xA
4/27
DocID023274 Rev 3
2
Absolute maximum ratings and operating conditions
Table 2. Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VCC
Supply voltage(1)
1. All voltage values, except differential voltage, are with respect to network ground terminal.
18
V
Vid
Differential input voltage(2)
2. The differential voltage is the non-inverting input terminal with respect to the inverting input terminal.
±VCC
Vin
Input voltage(3)
3. VCC - Vin must not exceed 18 V, Vin must not exceed 18 V.
VCC- - 0.2 to VCC++ 0.2
Iin
Input current(4)
4. Input current must be limited by a resistor in series with the inputs.
10
mA
Tstg
Storage temperature
-65 to +150
°C
Rthja
Thermal resistance junction to ambient(5)(6)
SOT23-5
DFN8 2x2
MiniSO8
QFN16 3x3
TSSOP14
5. Short-circuits can cause excessive heating and destructive dissipation.
6. Rth are typical values.
250
120
190
80
100
°C/W
Rthjc
Thermal resistance junction to case
DFN8 2x2
QFN16 3x
33
30
Tj
Maximum junction temperature
150
°C
ESD
HBM: human body model(7)
7. Human body model: 100 pF discharged through a 1.5 k
Ω resistor between two pins of the device, done for
all couples of pin combinations with other pins floating.
4kV
MM: machine model for TSX561(8)
8. Machine model: a 200 pF cap is charged to the specified voltage, then discharged directly between two
pins of the device with no external series resistor (internal resistor < 5
Ω), done for all couples of pin
combinations with other pins floating.
200
V
MM: machine model for TSX562 and TSX564(8)
100
CDM: charged device model(9)
9. Charged device model: all pins plus package are charged together to the specified voltage and then
discharged directly to ground.
1.5
kV
Latch-up immunity
200
mA
Table 3. Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
3 to 16
V
Vicm
Common mode input voltage range
VCC- - 0.1 to VCC+ + 0.1
Toper
Operating free air temperature range
-40 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com