Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX561AILT Datasheet(PDF) 7 Page - STMicroelectronics

Part # TSX561AILT
Description  Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX561AILT Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TSX561AILT Datasheet HTML 3Page - STMicroelectronics TSX561AILT Datasheet HTML 4Page - STMicroelectronics TSX561AILT Datasheet HTML 5Page - STMicroelectronics TSX561AILT Datasheet HTML 6Page - STMicroelectronics TSX561AILT Datasheet HTML 7Page - STMicroelectronics TSX561AILT Datasheet HTML 8Page - STMicroelectronics TSX561AILT Datasheet HTML 9Page - STMicroelectronics TSX561AILT Datasheet HTML 10Page - STMicroelectronics TSX561AILT Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
DocID023274 Rev 3
7/27
TSX56x, TSX56xA
Electrical characteristics
Table 5. Electrical characteristics at VCC+ = +5 V with VCC- = 0 V, Vicm = VCC/2, Tamb = 25 °C, and
RL = 10 kΩ connected to VCC/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Offset voltage
TSX56xA, T = 25 °C
600
μV
TSX56xA, -40 °C < T < 125 °C
1800
TSX56x, T = 25 °C
1
mV
TSX56x, -40 °C < T < 125 °C
2.2
ΔVio/ΔT Input offset voltage drift
-40 °C < T < 125 °C(1)
212
μV/°C
ΔVio
Long-term input offset voltage
drift
T = 25 °C(2)
5
Iio
Input offset current
(Vout = VCC/2)
T = 25 °C
1
100(3)
pA
-40 °C < T < 125 °C
1
200(3)
Iib
Input bias current
(Vout = VCC/2)
T = 25 °C
1
100(3)
-40 °C < T < 125 °C
1
200(3)
CMR1
Common mode rejection ratio
CMR = 20 log (
ΔVic/ΔVio)
(Vic = -0.1 V to VCC - 1.5 V,
Vout = VCC/2, RL > 1 MΩ)
T = 25 °C
66
84
dB
-40 °C < T < 125 °C
63
CMR2
Common mode rejection ratio
CMR = 20 log (
ΔVic/ΔVio)
(Vic = -0.1 V to VCC + 0.1 V,
Vout = VCC/2, RL > 1 MΩ)
T = 25 °C
50
69
-40 °C < T < 125 °C
47
Avd
Large signal voltage gain
(Vout = 0.5 V to (VCC - 0.5 V),
RL > 1 MΩ)
T = 25 °C
85
-40 °C < T < 125 °C
83
VOH
High level output voltage
(VOH = VCC - Vout)
RL = 10 kΩ, T = 25 °C
RL = 10 kΩ, -40 °C < T < 125 °C
70
100
mV
VOL
Low level output voltage
RL = 10 kΩ, T = 25 °C
RL = 10 kΩ, -40 °C < T < 125 °C
70
100
Iout
Isink
Vout = VCC, T = 25 °C
11
14
mA
Vout = VCC, -40 °C < T < 125 °C
8
Isource
Vout = 0 V, T = 25 °C
9
12
Vout = 0 V, -40 °C < T < 125 °C
7
ICC
Supply current
(per channel, Vout = VCC/2,
RL > 1 MΩ)
T = 25 °C
235
350
µA
-40 °C < T < 125 °C
400
nV
month
---------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com