Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP232Y Datasheet(PDF) 26 Page - Power Analog Micoelectronics

Part # TOP232Y
Description  TOPSwitch-FX Family Design Flexible, EcoSmart짰, Integrated Off-line Switcher
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

TOP232Y Datasheet(HTML) 26 Page - Power Analog Micoelectronics

Back Button TOP232Y Datasheet HTML 22Page - Power Analog Micoelectronics TOP232Y Datasheet HTML 23Page - Power Analog Micoelectronics TOP232Y Datasheet HTML 24Page - Power Analog Micoelectronics TOP232Y Datasheet HTML 25Page - Power Analog Micoelectronics TOP232Y Datasheet HTML 26Page - Power Analog Micoelectronics TOP232Y Datasheet HTML 27Page - Power Analog Micoelectronics TOP232Y Datasheet HTML 28Page - Power Analog Micoelectronics TOP232Y Datasheet HTML 29Page - Power Analog Micoelectronics TOP232Y Datasheet HTML 30Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
TOP232-234
26
B
7/01
MULTI-FUNCTION INPUT
Conditions
(Unless Otherwise Specified)
See Figure 34
SOURCE = 0 V
; T
J = -40 to 125 °C
Min
Typ
Max
Parameter
Symbol
Units
l
UV
I
OV
I
REM (N)
I
M (SC)
V
M
I
M (DC)
T
RON
T
ROFF
µA
µA
µA
µA
µA
µA
V
µA
%/
µA
mA
µs
µs
44
50
54
210
225
240
10
-43
-35
-27
-7
300
400
520
-300
-240
-180
-110
-90
-70
2.00
2.60
3.00
2.50
2.90
3.30
1.25
1.32
1.39
1.18
1.24
1.30
75
90
110
0.30
0.6
1.1
1.0
1.8
1.5
2.5
4.0
1.5
2.5
4.0
T
J = 25 °C
MULTI-FUNCTION
Pin Floating
MULTI-FUNCTION
Pin Shorted to
CONTROL
T
J = 25 °C
Threshold
Hysteresis
T
J = 25 °C
V
M = VC
Normal Mode
Auto-restart Mode
l
M = 50 µA
l
M = 225 µA
l
M = -50 µA
l
M = -150 µA
T
J = 25 °C
I
M > IM (DC)
V
DRAIN = 150 V
From Remote On to Drain Turn-On
See Note B
Minimum Time Before Drain
Turn-On to Disable Cycle
See Note B
V
M = 0 V
Threshold
Hysteresis
Line Under-Voltage
Threshold Current
Line Over-Voltage
or Remote ON/
OFF Threshold
Current and
Hysteresis
Remote ON/OFF
Negative Threshold
Current and
Hysteresis
MULTI-FUNCTION
Pin Short Circuit
Current
MULTI-FUNCTION
Pin Voltage
Maximum Duty
Cycle Reduction
Onset Threshold
Current
Maximum Duty
Cycle Reduction
Slope
Remote OFF
DRAIN Supply
Current
Remote ON Delay
Remote OFF
Setup Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com