Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP232Y Datasheet(PDF) 32 Page - Power Analog Micoelectronics

Part # TOP232Y
Description  TOPSwitch-FX Family Design Flexible, EcoSmart짰, Integrated Off-line Switcher
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

TOP232Y Datasheet(HTML) 32 Page - Power Analog Micoelectronics

Back Button TOP232Y Datasheet HTML 28Page - Power Analog Micoelectronics TOP232Y Datasheet HTML 29Page - Power Analog Micoelectronics TOP232Y Datasheet HTML 30Page - Power Analog Micoelectronics TOP232Y Datasheet HTML 31Page - Power Analog Micoelectronics TOP232Y Datasheet HTML 32Page - Power Analog Micoelectronics TOP232Y Datasheet HTML 33Page - Power Analog Micoelectronics TOP232Y Datasheet HTML 34Page - Power Analog Micoelectronics TOP232Y Datasheet HTML 35Page - Power Analog Micoelectronics TOP232Y Datasheet HTML 36Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
TOP232-234
32
B
7/01
Typical Performance Characteristics (cont.)
1.2
1.4
1.6
0.4
0.6
0.2
0.8
1.0
0
-300
-200
-150
-50
-250
-100
0
MULTI-FUNCTION PIN VOLTAGE
vs. CURRENT (EXPANDED)
MULTI-FUNCTION Pin Current (
µA)
6
5
4
3
2
1
0
-300 -200 -100
0
100 200 300 400 500
MULTI-FUNCTION PIN VOLTAGE
vs. CURRENT
MULTI-FUNCTION Pin Current (
µA)
See
Expanded
Version
2
1.2
1.6
0
0
20
40
60
80
100
DRAIN Voltage (V)
IC vs. DRAIN VOLTAGE
0.4
0.8
V
C = 5 V
1.2
1.0
0.8
0.6
0.4
0.2
0
-50 -25
0
25
50
75 100 125 150
Junction Temperature (
°C)
CONTROL CURRENT at START of
CYCLE SKIPPING vs. TEMPERATURE
1.2
1.0
0.8
0.6
0.4
0.2
0
-50 -25
0
25
50
75 100 125 150
Junction Temperature (
°C)
MAX. DUTY CYCLE REDUCTION ONSET
THRESHOLD CURRENT vs. TEMPERATURE
1.5
0
0
24
6
8
10
DRAIN Voltage (V)
OUTPUT CHARACTERISTICS
0.5
TCASE = 25 °C
TCASE = 100 °C
1
TOP234 1.00
TOP233 0.67
TOP232 0.33
Scaling Factors:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com