Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP232Y Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # TOP232Y
Description  TOPSwitch-FX Family Design Flexible, EcoSmart짰, Integrated Off-line Switcher
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

TOP232Y Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  TOP232Y Datasheet HTML 1Page - Power Analog Micoelectronics TOP232Y Datasheet HTML 2Page - Power Analog Micoelectronics TOP232Y Datasheet HTML 3Page - Power Analog Micoelectronics TOP232Y Datasheet HTML 4Page - Power Analog Micoelectronics TOP232Y Datasheet HTML 5Page - Power Analog Micoelectronics TOP232Y Datasheet HTML 6Page - Power Analog Micoelectronics TOP232Y Datasheet HTML 7Page - Power Analog Micoelectronics TOP232Y Datasheet HTML 8Page - Power Analog Micoelectronics TOP232Y Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
®
TOP232-234
TOPSwitch-FX Family
Design Flexible, EcoSmart®, Integrated
Off-line Switcher
Figure 1. Typical Flyback Application.
®
PART
ORDER
NUMBER3 Adapter
1
Open
Frame2
Open
Frame2
OUTPUT POWER TABLE
Table 1. Notes: 1. Typical continuous power in a non-ventilated
enclosed adapter measured at 50 ˚C ambient. 2. Maximum practical
continuous power in an open frame design with adequate heat sinking,
measured at 50 ˚C ambient. See key applications section for detailed
conditions. 3. Packages: P: DIP-8B, G: SMD-8B, Y: TO-220-7B.
PI-2503-073099
AC
IN
DC
OUT
D
S
C
TOPSwitch-FX
CONTROL
M
+
-
F
July 2001
Product Highlights
Lower System Cost, High Design Flexibility
• Features eliminate or reduce cost of external components
• Fully integrated soft-start for minimum stress/overshoot
• Externally settable accurate current limit
• Wider duty cycle for more power, smaller input capacitor
• Line under-voltage (UV) detection: no turn off glitches
• Line overvoltage (OV) shutdown extends line surge limit
• Line feed forward with maximum duty cycle (DC
MAX)
reduction rejects ripple and limits DC
MAX at high line
• Single resistor sets OV/UV thresholds, DC
MAX reduction
• Frequency jittering reduces EMI and EMI filtering costs
• Regulates to zero load without dummy loading
• 132 kHz frequency reduces transformer/power supply size
• Half frequency option for video applications
• Hysteretic thermal shutdown for automatic recovery
• Large thermal hysteresis prevents PC board overheating
• Standard packages with omitted pins for large creepage
• Active-on and active-off remote ON/OFF capability
• Synchronizable to a lower frequency
EcoSmart® - Energy Efficient
• Cycle skipping reduces no-load consumption
• Reduced consumption in remote off mode
• Half frequency option for high efficiency standby
• Allows shutdown/wake-up via LAN/input port
Description
TOPSwitch-FX uses the proven TOPSwitch topology and cost
effectively integrates many new functions that reduce system
cost and, at the same time, improve design flexibility,
performance and energy efficiency. Like TOPSwitch, the high
voltage power MOSFET, PWM control, fault protection and
other control circuitry are all integrated onto a single CMOS
chip, but with two added terminals. The first one is a MULTI-
FUNCTION (M) pin, which implements programmable line
OV/UV shutdown and line feed forward/DC
MAX reduction with
line voltage. The same pin can be used instead to externally set
an accurate current limit. In either case, this pin can also be used
for remote ON/OFF or to synchronize the oscillator to an
external, lower frequency signal. The second added terminal is
the FREQUENCY (F) pin and is available only in the Y
package. This pin provides the half frequency option when
connected to CONTROL (C) instead of SOURCE (S). The
features on the new pins can be disabled by shorting them to the
SOURCE, which allows the device to operate in a three terminal
TOPSwitch mode, but with the following new transparent
features: soft-start, cycle skipping, 132 kHz switching frequency,
frequency jittering, wider DC
MAX, hysteretic thermal shutdown
and larger creepage. In addition, all critical parameters such as
frequency, current limit, PWM gain, etc. have tighter temperature
and absolute tolerances compared to the TOPSwitch-II family.
Higher current limit accuracy and larger DC
MAX, when combined
with other features allow for a 10% to 15% higher power
capability on the TOPSwitch-FX devices compared to equivalent
TOPSwitch-II devices for the same input/output conditions.
TOP232P
TOP232G
TOP232Y
TOP233P
TOP233G
TOP233Y
TOP234P
TOP234G
TOP234Y
230 VAC
±15%
Adapter1
85-265 VAC
9 W
15 W
6.5 W
10 W
10 W
25 W
7 W
15 W
13 W
25 W
9 W
15 W
20 W
50 W
15 W
30 W
16 W
30 W
11 W
20 W
30 W
75 W
20 W
45 W


Similar Part No. - TOP232Y

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TOP232Y POWERINT-TOP232Y Datasheet
650Kb / 36P
Family Design Flexible,EcoSmart, Intergrated OFff-line Switcher
TOP232Y POWERINT-TOP232Y Datasheet
644Kb / 36P
Design Flexible, EcoSmart, Integrated Off-line Switcher
TOP232Y POWERINT-TOP232Y Datasheet
644Kb / 36P
Design Flexible, EcoSmart, Integrated Off-line Switcher
TOP232Y POWERINT-TOP232Y Datasheet
644Kb / 36P
Design Flexible, EcoSmart® , Integrated Off-line Switcher
July 2001
TOP232Y POWERINT-TOP232Y Datasheet
3Mb / 38P
Design Flexible, EcoSmart, Integrated Off-Line Switcher
October 2020
More results

Similar Description - TOP232Y

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TOP242-249 POWERINT-TOP242-249 Datasheet
771Kb / 48P
Family Extended Power, Design Flexible,Integrated Off-line Switcher
TOP250 POWERINT-TOP250 Datasheet
449Kb / 52P
TOPSwitch -GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
TOP242-250 POWERINT-TOP242-250 Datasheet
2Mb / 52P
TOPSwitch-GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
TOP233PN POWERINT-TOP233PN Datasheet
644Kb / 36P
Design Flexible, EcoSmart짰, Integrated Off-line Switcher
TOP232PN POWERINT-TOP232PN Datasheet
644Kb / 36P
Design Flexible, EcoSmart, Integrated Off-line Switcher
TOP234PN POWERINT-TOP234PN Datasheet
644Kb / 36P
Design Flexible, EcoSmart, Integrated Off-line Switcher
logo
Guangdong Kexin Industr...
TOP250 KEXIN-TOP250 Datasheet
298Kb / 6P
TOPSwitch -GX Family Extended Power, Design Flexible, EcoSmart,Integrated Off-line Switcher
logo
Power Integrations, Inc...
TOP242 POWERINT-TOP242 Datasheet
2Mb / 52P
Extended Power, Design Flexible EcoSmart, Integrated Off-line Switcher
TOP232 POWERINT-TOP232 Datasheet
3Mb / 38P
Design Flexible, EcoSmart, Integrated Off-Line Switcher
October 2020
TOP242 POWERINT-TOP242_V01 Datasheet
3Mb / 54P
Extended Power, Design Flexible, EcoSmart, Integrated Off-Line Switcher
October 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com